Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI3424DV Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SI3424DV
Description  N-Channel 30-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SI3424DV Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Si3424DV
Vishay Siliconix
New Product
Document Number: 71317
S-02157—Rev. A, 02-Oct-00
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
100
1
Source-Drain Diode Forward Voltage
VSD – Source-to-Drain Voltage (V)
10
0
200
400
600
800
0
5
10
15
20
25
30
0.6
0.8
1.0
1.2
1.4
1.6
–50
–25
0
25
50
75
100
125
150
0
2
4
6
8
10
0369
12
0.00
0.01
0.02
0.03
0.04
0.05
0
5
10
15
20
25
30
VDS – Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VDS = 15 V
ID = 6.7 A
ID – Drain Current (A)
VGS = 10 V
ID = 6.7 A
VGS = 10 V
Gate Charge
On-Resistance vs. Drain Current
Qg – Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ – Junction Temperature (_C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.00
0.01
0.02
0.03
0.04
0.05
0
2468
10
TJ = 150_C
ID = 6.7 A
On-Resistance vs. Gate-to-Source Voltage
VGS – Gate-to-Source Voltage (V)
VGS = 4.5 V
TJ = 25_C


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn