Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI74ALVCH16501 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part No. PI74ALVCH16501
Description  18-Bit Universal Bus Transceiver With 3-State Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ALVCH16501 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74ALVCH16501 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ALVCH16501 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ALVCH16501 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ALVCH16501 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74ALVCH16501 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PI74ALVCH16501
18-BIT UNIVERSAL BUS TRANSCEIVER
3
PS8133A
01/31/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Note:
1. Unused control inputs must be held HIGH or LOW to prevent them from floating.
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
V C
C
e
g
a
t
l
o
V
y
l
p
p
u
S3
.
26
.
3
V
V H
I
e
g
a
t
l
o
V
H
G
I
H
t
u
p
n
I
V C
C
V
7
.
2
o
t
V
3
.
2
=7
.
1
V C
C
V
6
.
3
o
t
V
7
.
2
=0
.
2
V L
I
e
g
a
t
l
o
V
W
O
L
t
u
p
n
I
V C
C
V
7
.
2
o
t
V
3
.
2
=7
.
0
V C
C
V
6
.
3
o
t
V
7
.
2
=8
.
0
V N
I
e
g
a
t
l
o
V
t
u
p
n
I0
V C
C
V
T
U
O
e
g
a
t
l
o
V
t
u
p
t
u
O0
V C
C
I H
O
t
n
e
r
r
u
C
t
u
p
t
u
O
l
e
v
e
l
-
h
g
i
H
V C
C
V
3
.
2
=2
1
-
A
m
V C
C
V
7
.
2
=2
1
-
V C
C
V
0
.
3
=4
2
-
I L
O
t
n
e
r
r
u
C
t
u
p
t
u
O
l
e
v
e
l
-
w
o
L
V C
C
V
3
.
2
=2
1
V C
C
V
7
.
2
=2
1
V C
C
V
0
.
3
=4
2
TA
e
r
u
t
a
r
e
p
m
e
T
r
i
A
-
e
e
r
F
g
n
i
t
a
r
e
p
O0
4
-5
8C
°
Recommended Operating Conditions(1)
Storage Temperature ........................................................... –65°C to +150°C
Ambient Temperature with Power Applied ........................ –40°C to +85°C
Input Voltage Range, VIN ...................................................... –0.5V to VCC +0.5V
Output Voltage Range, VOUT ............................................... –0.5V to VCC +0.5V
DC Input Voltage .................................................................... –0.5V to +5.0V
DC Output Current ............................................................................ 100 mA
Power Dissipation .................................................................................. 1.0W
Note:
Stresses greater than those listed under MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn