Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI74ALVCH16501 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part No. PI74ALVCH16501
Description  18-Bit Universal Bus Transceiver With 3-State Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ALVCH16501 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74ALVCH16501 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ALVCH16501 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ALVCH16501 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ALVCH16501 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74ALVCH16501 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PI74ALVCH16501
18-BIT UNIVERSAL BUS TRANSCEIVER
4
PS8133A
01/31/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 3.3V ± 10%)
s
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
TV C
C
)
1
(
.
n
i
M.
p
y
T
)
2
(
.
x
a
Ms
t
i
n
U
V H
O
I H
O
0
0
1
-
=
µA.
x
a
M
o
t
.
n
i
MV C
C
-2
.
0
V
I H
O
A
M
6
-
=V H
I
=V
7
.
1V
3
.
20
.
2
I H
O
2
1
-
=mA
V H
I
=V
7
.
1V
3
.
27
.
1
V H
I
=V
0
.
27
.
2V
2
.
2
V H
I
=V
0
.
2V
0
.
34
.
2
I H
O
4
2
-
=mA
V H
I
V
0
.
2
=V
0
.
30
.
2
V L
O
I L
O
0
0
1
=
µA.
x
a
M
o
t
.
n
i
M2
.
0
I L
O
=A
m
6V L
I =V
7
.
0V
3
.
24
.
0
I L
O
2
1
=mA
V L
I =V
7
.
0V
3
.
27
.
0
V L
I =V
8
.
0V
7
.
24
.
0
I L
O
=A
m
4
2V L
I =V
8
.
0V
0
.
35
5
.
0
II
VI =V C
C
D
N
G
r
oV
6
.
35
±
µA
II
)
d
l
o
H
(
)
3
(
VI =V
7
.
0
V
3
.
2
5
4
VI =V
7
.
15
4
-
VI =V
8
.
0
V
0
.
3
5
7
VI =V
0
.
25
7
-
VI =V
6
.
3
o
t
0V
6
.
30
0
5
±
I Z
O
)
4
(
VO =V C
C
D
N
G
r
oV
6
.
30
1
±
I C
C
VI =V C
C
D
N
G
r
oIO
0
=V
6
.
30
4
∆I C
C
V
t
a
t
u
p
n
i
e
n
O
C
C
V
t
a
s
t
u
p
n
i
r
e
h
t
O
,
V
6
.
0
-
C
C
D
N
G
r
oV
6
.
3
o
t
V
30
5
7
CI
s
t
u
p
n
I
l
o
r
t
n
o
CVI =V C
C
D
N
G
r
oV
3
.
34
F
p
C O
I
s
t
r
o
p
B
r
o
AVO =V C
C
D
N
G
r
oV
3
.
38
F
p
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, +25°C ambient and maximum loading.
3. Bus Hold maximum dynamic current required to switch the input from one state to another.
4. For I/O ports, the IOZ includes the input leakage current.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn