Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTTD1P02R2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTTD1P02R2
Description  Power MOSFET -1.45 Amps, -20 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTTD1P02R2 Datasheet(HTML) 6 Page - ON Semiconductor

  NTTD1P02R2 Datasheet HTML 1Page - ON Semiconductor NTTD1P02R2 Datasheet HTML 2Page - ON Semiconductor NTTD1P02R2 Datasheet HTML 3Page - ON Semiconductor NTTD1P02R2 Datasheet HTML 4Page - ON Semiconductor NTTD1P02R2 Datasheet HTML 5Page - ON Semiconductor NTTD1P02R2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NTTD1P02R2
http://onsemi.com
6
PACKAGE DIMENSIONS
Micro8
CASE 846A−02
ISSUE F
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
8X
8X
6X
mm
inches
SCALE 8:1
1.04
0.041
0.38
0.015
5.28
0.208
4.24
0.167
3.20
0.126
0.65
0.0256
S
B
M
0.08 (0.003)
A S
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
2.90
3.10
0.114
0.122
B
2.90
3.10
0.114
0.122
C
−−−
1.10
−−−
0.043
D
0.25
0.40
0.010
0.016
G
0.65 BSC
0.026 BSC
H
0.05
0.15
0.002
0.006
J
0.13
0.23
0.005
0.009
K
4.75
5.05
0.187
0.199
L
0.40
0.70
0.016
0.028
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE MOLD FLASH,
PROTRUSIONS OR GATE BURRS. MOLD FLASH,
PROTRUSIONS OR GATE BURRS SHALL NOT
EXCEED 0.15 (0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED 0.25 (0.010)
PER SIDE.
5. 846A−01 OBSOLETE, NEW STANDARD 846A−02.
−B−
−A−
D
K
G
PIN 1 ID
8 PL
0.038 (0.0015)
−T−
SEATING
PLANE
C
H
J
L
STYLE 2:
PIN 1. SOURCE 1
2. GATE 1
3. SOURCE 2
4. GATE 2
5. DRAIN 2
6. DRAIN 2
7. DRAIN 1
8. DRAIN 1
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
NTTD1P02R2/D
Micro8 is a trademark of International Rectifier.
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - NTTD1P02R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTD1P02R2 ONSEMI-NTTD1P02R2 Datasheet
148Kb / 6P
   Power MOSFET -1.45 Amps, -20 Volts
March, 2006 ??Rev. 2
NTTD1P02R2G ONSEMI-NTTD1P02R2G Datasheet
148Kb / 6P
   Power MOSFET -1.45 Amps, -20 Volts
March, 2006 ??Rev. 2
NTTD1P02R2 ONSEMI-NTTD1P02R2_06 Datasheet
148Kb / 6P
   Power MOSFET -1.45 Amps, -20 Volts
March, 2006 ??Rev. 2
More results

Similar Description - NTTD1P02R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTD1P02R2 ONSEMI-NTTD1P02R2_06 Datasheet
148Kb / 6P
   Power MOSFET -1.45 Amps, -20 Volts
March, 2006 ??Rev. 2
NTF6P02 ONSEMI-NTF6P02 Datasheet
112Kb / 6P
   Power MOSFET -10 Amps, -20 Volts
August, 2013 ??Rev. 6
NTMD2C02R2 ONSEMI-NTMD2C02R2 Datasheet
117Kb / 16P
   Power MOSFET 2 Amps, 20 Volts
September, 2002 ??Rev. 0
NVMFS5C628NL ONSEMI-NVMFS5C628NL Datasheet
93Kb / 6P
   Power MOSFET 4 Amps, 20 Volts
October, 2015 ??Rev. 0
NTQD6968 ONSEMI-NTQD6968 Datasheet
76Kb / 8P
   Power MOSFET 6.6 Amps, 20 Volts
November, 2001 ??Rev. 0
NTQD6866R2 ONSEMI-NTQD6866R2 Datasheet
71Kb / 12P
   Power MOSFET 6.9 Amps, 20 Volts
September, 2001 ??Rev. 1
NTMS5P02R2 ONSEMI-NTMS5P02R2_06 Datasheet
122Kb / 7P
   Power MOSFET -5.4 Amps, -20 Volts
March, 2006 ??Rev. 2
NTR3A052PZ ONSEMI-NTR3A052PZ Datasheet
61Kb / 3P
   Power MOSFET 4 Amps, 20 Volts
December, 2015 ??Rev. P0
NVMFS5C612NL ONSEMI-NVMFS5C612NL Datasheet
83Kb / 6P
   Power MOSFET 4 Amps, 20 Volts
February, 2015 ??Rev. 1
NTHD5905T1 ONSEMI-NTHD5905T1 Datasheet
204Kb / 8P
   Power MOSFET 4 Amps, 20 Volts
February, 2005 ??Rev. XXX
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com