Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC3346 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MC3346
Description  GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC3346 Datasheet(HTML) 3 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MC3346
3
MOTOROLA ANALOG IC DEVICE DATA
Figure 1. Collector Cutoff Current
versus Temperature (Each Transistor)
Figure 2. Collector Cutoff Current
versus Temperature (Each Transistor)
Figure 3. Input Offset Characteristics
for Q1 and Q2
Figure 4. Base–Emitter and Input Offset
Voltage Characteristics
Figure 5. DC Current Gain
TA, AMBIENT TEMPERATURE (°C)
IB = 0
VCE = 10 V
VCE = 5.0 V
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
VCB = 15 V
VCB = 5.0 V
VCB = 10 V
0
25
50
75
100
125
IE, EMITTER CURRENT (mAdc)
hFE
0.01
0.05
0.1
0.5
1.0
5.0
10
hFE1
hFE2
or
hFE2
hFE1
IC, COLLECTOR CURRENT (mAdc)
0.01
0.02 0.03
0.05
0.1
0.2
0.3
0.5 0.7 1.0
IE, EMITTER CURRENT (mAdc)
VBE
VIO
0.01
0.05
0.1
0.5
1.0
5.0
10
102
101
1.0
10–1
10–2
10–3
103
102
101
1.0
10–1
10–2
140
130
110
90
70
50
1.0
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.01
0.9
0.8
0.7
0.6
0.5
0.4
3.5
3.0
2.5
2.0
1.5
1.0
0.95
0.9
0.85
0.8
0.75
5.0
4.0
3.0
2.0
1.0
0


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn