Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDB8416 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CDB8416
Description  Evaluation Board
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB8416 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CDB8416 Datasheet HTML 2Page - Cirrus Logic CDB8416 Datasheet HTML 3Page - Cirrus Logic CDB8416 Datasheet HTML 4Page - Cirrus Logic CDB8416 Datasheet HTML 5Page - Cirrus Logic CDB8416 Datasheet HTML 6Page - Cirrus Logic CDB8416 Datasheet HTML 7Page - Cirrus Logic CDB8416 Datasheet HTML 8Page - Cirrus Logic CDB8416 Datasheet HTML 9Page - Cirrus Logic CDB8416 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
CDB8416
6
DS578DB2
SWITCH
PURPOSE
POSITION
FUNCTION SELECTED
S1-H/S
Selects Hardware or Software Mode for
CS8416 and CS8406.
OPEN
CLOSED
CS8416 and CS8406 are in Hardware Mode.
CS8416 and CS8406 are in Software Mode.
S1-M/S
Selects Master or Slave Mode for LRCK
and SCLK.
OPEN
CLOSED
CS8416 Master. CS8406 Slave.
CS8416 Master. CS8406 Slave.
S1-SFMT1
S1-SFMT0
Selects serial audio output format for the
CS8416 and input format for the CS8406.
00
01
10
11
Left Justified 24 bit
I2S 24 bit
Right Justified 24 bit
Direct AES3 (CS8416)
Right Justified 16 bit (CS8406)
S3-INPUT
Selects CS8416 receiver input topology.
OPEN
CLOSED
XLR balanced input.
Optical/Coaxial unbalanced input.
S3-8416_PCM Controls the input/output buffers for the
CS8416 serial audio port.
OPEN
CLOSED
CS8416 I/O buffers off.
CS8416 I/O buffers on.
S3-NVSEL
Selects between NVERR and RERR.
OPEN
CLOSED
NVERR output selected.
RERR output selected.
S3-RXSEL1
S3-RXSEL0
Hardware mode RXP input channel select
for the CS8416.
00
01
10
11
RXP0 Selected
RXP1 Selected
RXP2 Selected
RXP3 Selected
S3-TXSEL1
S3-TXSEL0
Hardware mode TX pass through channel
select for the CS8416
00
01
10
11
RXP0 pass through to TX
RXP1 pass through to TX
RXP2 pass through to TX
RXP3 pass through to TX
S4-8406_PCM Controls the input/output buffers for the
CS8406 serial audio port.
OPEN
CLOSED
CS8406 I/O buffers off.
CS8406 I/O buffers on.
S4-TCBLD
Selects the direction of TCBL for the
CS8406.
OPEN
CLOSED
TCBL set to output.
TCBL set to input.
S4-CEN
Selects input method for channel status,
user, and validity data.
OPEN
CLOSED
Mode B is selected.
Mode A is selected.
Table 3. CDB8416 Switch Settings


Similar Part No. - CDB8416

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB8416 CIRRUS-CDB8416 Datasheet
991Kb / 60P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CDB8416 CIRRUS-CDB8416 Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
CDB8416 CIRRUS-CDB8416 Datasheet
406Kb / 39P
   192 kHz Digital Audio Interface Transmitter
More results

Similar Description - CDB8416

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com