Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1541AAB1 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # LH1541AAB1
Description  1 Form A Solid State Relay(Low Capacitance)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1541AAB1 Datasheet(HTML) 5 Page - Vishay Siliconix

  LH1541AAB1 Datasheet HTML 1Page - Vishay Siliconix LH1541AAB1 Datasheet HTML 2Page - Vishay Siliconix LH1541AAB1 Datasheet HTML 3Page - Vishay Siliconix LH1541AAB1 Datasheet HTML 4Page - Vishay Siliconix LH1541AAB1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Document Number: 83834
www.vishay.com
Revision 17-August-01
3–163
Figure 13. Switch Offset Voltage vs. LED Current
Figure 14. Turn-on Time vs. Temperature
Figure 15. Turn-off Time vs. Temperature
010
LED Forward Current (mA)
0.6
0
15
20
5
0.5
0.2
0.3
0.4
0.1
25
–40
–20
0
20406080
Ambient Temperature (
°C)
70
50
–20
–30
–10
–40
0
10
20
30
40
60
IF= 5.0 mA
IL= 50 mA
120
40
–40
–20
0
20406080
–80
160
140
–40
100
80
60
20
–20
–60
0
Ambient Temperature (
°C)
IL= 50 mA
IF= 5.0 mA
Figure 16. Turn-on Time vs. LED Current
Figure 17. Turn-off Time vs. LED Current
0
0.25
0.50
0.75
1.00
1.25
1.50
0
5
10
15
20
+85
°C
+25
°C
–40
°C
LED Forward Current (mA)
020
40
0
30
50
40
10
30
20
10
–40
°C
+25
°C
+85
°C
LED Forward Current (mA)


Similar Part No. - LH1541AAB1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1541AAB1 VISHAY-LH1541AAB1 Datasheet
141Kb / 8P
   1 Form A Solid State Relay (Low Capacitance)
Rev. 1.4, 05-Oct-06
LH1541AAB1TR VISHAY-LH1541AAB1TR Datasheet
141Kb / 8P
   1 Form A Solid State Relay (Low Capacitance)
Rev. 1.4, 05-Oct-06
LH1541AAB1 VISHAY-LH1541AAB1_06 Datasheet
141Kb / 8P
   1 Form A Solid State Relay (Low Capacitance)
Rev. 1.4, 05-Oct-06
More results

Similar Description - LH1541AAB1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1541AAB1 VISHAY-LH1541AAB1_06 Datasheet
141Kb / 8P
   1 Form A Solid State Relay (Low Capacitance)
Rev. 1.4, 05-Oct-06
LH1544AAC VISHAY-LH1544AAC Datasheet
172Kb / 8P
   Dual 1 Form A Solid State Relay (Low Capacitance)
Rev. 1.3, 26-Oct-04
LH1544AAC VISHAY-LH1544AAC_11 Datasheet
164Kb / 7P
   Dual 1 Form A Solid State Relay (Low Capacitance)
Rev. 1.6, 17-Mar-11
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com