Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W7020 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # W7020
Description  Bluetooth Radio Module
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

W7020 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button W7020 Datasheet HTML 2Page - List of Unclassifed Manufacturers W7020 Datasheet HTML 3Page - List of Unclassifed Manufacturers W7020 Datasheet HTML 4Page - List of Unclassifed Manufacturers W7020 Datasheet HTML 5Page - List of Unclassifed Manufacturers W7020 Datasheet HTML 6Page - List of Unclassifed Manufacturers W7020 Datasheet HTML 7Page - List of Unclassifed Manufacturers W7020 Datasheet HTML 8Page - List of Unclassifed Manufacturers W7020 Datasheet HTML 9Page - List of Unclassifed Manufacturers W7020 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Preliminary Data Sheet
W7020 Bluetooth Radio Module
September 2000
Lucent Technologies Inc.
6
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are
absolute stress ratings only. Functional operation of the device is not implied at these or any other conditions in
excess of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for
extended periods can adversely affect device reliability.
Parameter
Symbol
Min
Typ
Max
Unit
Ambient Operating Temperature
TA
–40
25
100
°C
Storage Temperature
Tstg
–65
150
°C
Lead Temperature (soldering, 10 s)
230
°C
Positive Supply Voltage
VCC
0
4.5
V
Power Dissipation
PD
350
mW
ac peak-to-peak Input Voltage
Vp-p
0
VCC
V
Digital Voltages
–0.3
VCC + 0.3
V
Handling Precautions
Although protection circuitry has been designed into this device, proper precautions should be taken to avoid
exposure to electrostatic discharge (ESD) during handling and mounting. Lucent Technologies Microelectronics
Group employs a human-body model (HBM) and a charged-device model (CDM) for ESD-susceptibility testing
and protection design evaluation. ESD voltage thresholds are dependent on the circuit parameters used to define
the model. No industry-wide standard has been adopted for CDM. However, a standard HBM (resistance =
1500
Ω, capacitance = 100 pF) is widely used and, therefore, can be used for comparison purposes. The HBM
ESD threshold presented here was obtained by using these circuit parameters:
Parameter
Method
Rating
Unit
ESD Threshold Voltage
HBM
2000
V
ESD Threshold Voltage (corner pins)
CDM
500
V


Similar Part No. - W7020

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W7000 PULSE-W7000 Datasheet
252Kb / 2P
   NFC Planar Sheet Antenna with wire and connector
W7000 PULSE-W7000 Datasheet
595Kb / 4P
   NFC Planar Sheet Antenna with wire and connector
W7000T0070 PULSE-W7000T0070 Datasheet
595Kb / 4P
   NFC Planar Sheet Antenna with wire and connector
W7000T0080 PULSE-W7000T0080 Datasheet
595Kb / 4P
   NFC Planar Sheet Antenna with wire and connector
W7000XXXX PULSE-W7000XXXX Datasheet
595Kb / 4P
   NFC Planar Sheet Antenna with wire and connector
More results

Similar Description - W7020

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGB110 PHILIPS-BGB110 Datasheet
141Kb / 17P
   Bluetooth radio module
2000 Oct 03
BGB101 PHILIPS-BGB101 Datasheet
161Kb / 17P
   0 dBm Bluetooth radio module
2003 Aug 05
logo
Texas Instruments
LMX5252 TI-LMX5252_15 Datasheet
1Mb / 41P
[Old version datasheet]   Bluetooth??Radio
logo
RF Micro Devices
SIW1711 RFMD-SIW1711 Datasheet
292Kb / 10P
   BLUETOOTH RADIO MODEM
logo
Freescale Semiconductor...
MC72000 FREESCALE-MC72000 Datasheet
1Mb / 156P
   Integrated Bluetooth Radio
logo
Infineon Technologies A...
PBA31302 INFINEON-PBA31302 Datasheet
27Kb / 2P
   Bluetooth Radio Transceiver
2002
logo
STMicroelectronics
STLC2150 STMICROELECTRONICS-STLC2150 Datasheet
191Kb / 10P
   BLUETOOTH RADIO TRANSCEIVER
logo
Infineon Technologies A...
PBA31305 INFINEON-PBA31305 Datasheet
25Kb / 2P
   Bluetooth Radio Transceiver?
logo
Texas Instruments
LMX5251 TI1-LMX5251 Datasheet
1Mb / 40P
[Old version datasheet]   LMX5251 Bluetooth??CMOS Radio
LMX5251 TI-LMX5251_15 Datasheet
1Mb / 40P
[Old version datasheet]   LMX5251 Bluetooth??CMOS Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com