Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

U2532B Datasheet(PDF) 6 Page - TEMIC Semiconductors

Part No. U2532B
Description  IR Transmitter and Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEMIC [TEMIC Semiconductors]
Homepage  http://www.temic.de
Logo 

U2532B Datasheet(HTML) 6 Page - TEMIC Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
U2532B
TELEFUNKEN Semiconductors
Rev. A1, 27-Sep-96
Preliminary Information
6 (10)
Unit
Max.
Typ.
Min.
Symbol
Test Conditions / Pins
Parameters
Transmitter
Output voltage IRED
“Low”
Id = 300mA with appropri-
ate current limiting resistor
Pin 15
VOL(TxD)
0.3
0.5
V
Logic “Low” transmitter
input voltage
Pin 2
VIN (TxD)
0.4
0.8
V
Logic “High” transmitter
input voltage
Pin 2
VIN (TxD)
2
VCC
V
Output leakage current
VO(TxD) = 6 V
Pin 15
Id0
10
mA
Output rise time
Id = 300 mA
Pin 15
tr
300
ns
Output fall time
Id = 300 mA
Pin 15
tf
300
ns
Output pulse width
115.2 kbit/s
1.6
ms pulse width
Pin 15
tp
1.4
1.6
2.7
ms
Overshoot over final
current
Pin 15
dId
25
%
Jitter
115.2 kbit/s,
1.6
ms pulse width
–Period of 10 bits, all
“ones”
– Leading edges of signals
Pin 15
tj
0.2
ms


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn