Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

U2532B Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part No. U2532B
Description  IR Transmitter and Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEMIC [TEMIC Semiconductors]
Homepage  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U2532B Datasheet(HTML) 4 Page - TEMIC Semiconductors

  U2532B Datasheet HTML 1Page - TEMIC Semiconductors U2532B Datasheet HTML 2Page - TEMIC Semiconductors U2532B Datasheet HTML 3Page - TEMIC Semiconductors U2532B Datasheet HTML 4Page - TEMIC Semiconductors U2532B Datasheet HTML 5Page - TEMIC Semiconductors U2532B Datasheet HTML 6Page - TEMIC Semiconductors U2532B Datasheet HTML 7Page - TEMIC Semiconductors U2532B Datasheet HTML 8Page - TEMIC Semiconductors U2532B Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
U2532B
TELEFUNKEN Semiconductors
Rev. A1, 27-Sep-96
Preliminary Information
4 (10)
Absolute Maximum Ratings
All voltages are referred to A_GND (Pin 11).
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
Pin 5
VCC
–0.5
6
V
Transmitter input voltage
Pin 2
VIN(TxD)
–0.5
VCC+0.5
V
Sensitivity control voltage
Pin 6
VSC
–0.5
VCC+0.5
V
Reset voltage
Pin 4
V(Reset)
–0.5
VCC+0.5
V
Receiver output voltage
Pin 3
VO(RxD)
–0.5
VCC+0.5
V
LED driver
Pin 15
V(TxD)
–0.5
6
V
Input currents
Pins 2, 4, 6 and 15
1
mA
Receiver sinking current
Pin 3
IL(RxD)
10
mA
Photodiode input
Pin 9
VIN
–0.5
VCC
V
Power dissipation
Ptot
75
mW
Junction temperature
Tj
150
°C
Ambient temperature range
Tamb
–40
125
°C
Storage temperature range
Tstg
–40
150
°C
Soldering temperature
230
°C
Average driver current
Pin 15
Id(DC)
100
mA
Repeated pulsed driver c.
< 90
ms, ton < 20%, Pin 15
Id(RP)
500
mA
Peak driver current
< 2
ms, ton < 10%, Pin 15
Id(PK)
1
A
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
RthJA
180
K/W


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn