Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1408-8 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MC1408-8
Description  8-bit multiplying D/A converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MC1408-8 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MC1408-8 Datasheet HTML 2Page - NXP Semiconductors MC1408-8 Datasheet HTML 3Page - NXP Semiconductors MC1408-8 Datasheet HTML 4Page - NXP Semiconductors MC1408-8 Datasheet HTML 5Page - NXP Semiconductors MC1408-8 Datasheet HTML 6Page - NXP Semiconductors MC1408-8 Datasheet HTML 7Page - NXP Semiconductors MC1408-8 Datasheet HTML 8Page - NXP Semiconductors MC1408-8 Datasheet HTML 9Page - NXP Semiconductors MC1408-8 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Philips Semiconductors
Product data
MC1408-8
8-bit multiplying D/A converter
2001 Aug 03
7
5
6
7
8
9
10
11
12
3
MC1408
13
14
15
1
2
4
16
51
CO ≤ 25pF
R14
0.1
µF
RL
eIN
VEE
VCC
15pF
0.1
µF
1.0k
1.0k
0.1
µF
eO
FOR SETTLING TIME
MEASUREMENT
(ALL BITS
SWITCHED LOW
TO HIGH)
2.4V
0.4V
1.0V
SETTLING TIME
0
0
TRANSIENT
RESPONSE
–100
mV
FOR TURN OFF
MEASUREMENT
USE RL to GND
1.4V
RL = 50Ω
PIN 4 TO GND
tS = 70ns TYPICAL
TO
±1/2LSB
tPLH
tPHL
tPHL = tPLH = 10ns
RL = 500Ω
eIN
+2VDC
SL00054
Figure 7. Transient Response and Settling Time
INPUTS
5
6
7
8
9
10
11
12
3
MC1408
13
14
15
1
2
4
16
VEE
VCC
THE RESISTOR TIED TO PIN 15 IS TO TEMPERATURE COMPENSATE THE
BIAS CURRENT AND MAY NOT BE NECESSARY FOR ALL APPLICATIONS
VI AND II APPLY TO INPUTS A1 THROUGH A8
I
O +
K
A
1
2
)
A
2
4
)
A
3
8
)
A
4
16 )
A
5
32 )
A
6
64 )
A
7
128 )
A
8
256
where K
+
V
REF
R
14
and AN = “1” IF AN IS AT HIGH LEVEL
AN = “0” IF AN IS AT LOW LEVEL
DIGITAL
IEE
IO
I15
I14
R14
R15
VO
OUTPUT
RL
VI
II
(+)
ICC
VREF(+)
(SEE TEXT FOR VALUES OF C.)
TYPICAL VALUES R14 = R15 = 1k
VREF = +2.0V
C = 15pF
A1
A2
A3
A4
A5
A6
A7
A8
SL00055
Figure 8. Notation Definitions
2.0mA
5
6
7
8
9
10
11
12
3
13
14
15
1
2
4
16
VCC
SCOPE
RL = 50
VREF
MC1408
VEE
15pF
1k
1k
SLEWING TIME
10%
90%
0
dI
dt
+
I
R
L
dV
dt
SL00056
Figure 9. Reference Current Slew Rate Measurement


Similar Part No. - MC1408-8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1408-8 ONSEMI-MC1408-8 Datasheet
119Kb / 9P
   8?뭕it Multiplying D/A Converter
May, 2006 ??Rev. 2
MC1408-8D ONSEMI-MC1408-8D Datasheet
119Kb / 9P
   8?뭕it Multiplying D/A Converter
May, 2006 ??Rev. 2
logo
NXP Semiconductors
MC1408-8D PHILIPS-MC1408-8D Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
logo
ON Semiconductor
MC1408-8DG ONSEMI-MC1408-8DG Datasheet
119Kb / 9P
   8?뭕it Multiplying D/A Converter
May, 2006 ??Rev. 2
MC1408-8DR2 ONSEMI-MC1408-8DR2 Datasheet
119Kb / 9P
   8?뭕it Multiplying D/A Converter
May, 2006 ??Rev. 2
More results

Similar Description - MC1408-8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
Unisonic Technologies
M62364 UTC-M62364_15 Datasheet
229Kb / 8P
   8-BIT 8-CH MULTIPLYING D-A CONVERTER
logo
Analog Devices
AD1508 AD-AD1508_15 Datasheet
1Mb / 4P
   8 BIT MONOLITHIC MULTIPLYING D/A CONVERTER
logo
Advanced Linear Devices
ALD1801A ALD-ALD1801A Datasheet
50Kb / 6P
   8 BIT MICROPOWER MULTIPLYING D/A CONVERTER
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
Analog Devices
PM7524FS AD-PM7524FS Datasheet
721Kb / 10P
   CMOS 8-Bit Buffered Multiplying D/A Converter
REV. C
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com