Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D11EN6FPBQ Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # D11EN6FPBQ
Description  D11 Expert Series, Visible Green, Blue or White LED Light Source
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D11EN6FPBQ Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  D11EN6FPBQ Datasheet HTML 1Page - List of Unclassifed Manufacturers D11EN6FPBQ Datasheet HTML 2Page - List of Unclassifed Manufacturers D11EN6FPBQ Datasheet HTML 3Page - List of Unclassifed Manufacturers D11EN6FPBQ Datasheet HTML 4Page - List of Unclassifed Manufacturers D11EN6FPBQ Datasheet HTML 5Page - List of Unclassifed Manufacturers D11EN6FPBQ Datasheet HTML 6Page - List of Unclassifed Manufacturers D11EN6FPBQ Datasheet HTML 7Page - List of Unclassifed Manufacturers D11EN6FPBQ Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
D11E Series Sensors – Visible Green, Blue or White LED Light Source
page
7
Banner Engineering Corp. Minneapolis, MN U.S.A.
www.bannerengineering.com • Tel: 763.544.3164
Dimensions
Programming
Push Button
Power Indicator
Output Indicator
Signal Strength
Indicator
ø 1.0 mm (0.04 in)
Plastic Fiber
Emitter Port
ø 1.0 mm (0.04 in)
Plastic Fiber
Receiver Port
Mounting
Bracket
(Included)
35.0 mm
(1.38")
17.6 mm
(0.69")
64.1 mm
(2.53")
11.0 mm
(0.43")
29.0 mm
(1.14")
Slide Up
to Release
Fibers
Programming
Push Button
Power Indicator
Output Indicator
Signal Strength
Indicator
ø 1.0 mm (0.04" )
Plastic Fiber
Emitter Port
ø 1.0 mm (0.04")
Plastic Fiber
Receiver Port
Mounting
Bracket
(Included)
35.0 mm
(1.38")
17.6 mm
(0.69")
64.1 mm
(2.53")
79.0 mm
(3.11")
11.0 mm
(0.43")
29.0 mm
(1.14")
Slide Up
to Release
Fibers
35.0 mm
(1.38")
25.1 mm
(0.99")
30.2 mm
(1.19")
5.0 mm
(0.20")
9.9 mm
(0.39")
2 x C 'sink
ø 7.9 mm (0.31")
3.2 mm (0.13") deep
ø4.4 (0.18") thru
2 x ø 3.25 mm
(0.128")
2 x 3.5 mm
(0.14")
5.5 mm
(0.22")
11.0 mm
(0.44")
25.6 mm
(1.01")
9.6 mm
(0.38")
2.5 mm
(0.10")
8.6 mm
(0.34")
4.8 mm
(0.19")
2 x ø 3.18 mm
(0.125")
Cabled models
Quick disconnect models
Mounting Bracket
DIN Rail Mounting
Fiber Adaptor
Plastic Fiber Installation:
1.
Cut fiber ends per instructions
included with the fibers. Slide the
fiber gripper up (open). For 0.25 mm
or 0.5 mm diameter fibers, insert the
adapter (shown below) into the ports
as far as it will go.
2.
All fibers: Insert the prepared plastic
fiber sensor ends gently into the
ports as far as they will go.
3.
Slide the fiber gripper back down to
lock.
Adaptor (included) is for use with
0.25 mm (0.01") or 0.5 mm (0.02")
diameter fibers
DIN Rail


Similar Part No. - D11EN6FPBQ

ManufacturerPart #DatasheetDescription
logo
Bi technologies
D11-1C BITECH-D11-1C Datasheet
483Kb / 4P
   DIODE NETWORKS D SERIES
D11-2C BITECH-D11-2C Datasheet
483Kb / 4P
   DIODE NETWORKS D SERIES
D11-3C BITECH-D11-3C Datasheet
483Kb / 4P
   DIODE NETWORKS D SERIES
logo
Vishay Siliconix
D11-CRCW0603 VISHAY-D11-CRCW0603 Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
D11-CRCW0603 VISHAY-D11-CRCW0603 Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
More results

Similar Description - D11EN6FPBQ

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LST3528WY LIGHTKEY-LST3528WY Datasheet
119Kb / 3P
   3.5X2.8mm White SMD LED for Light Source
LST5050WY LIGHTKEY-LST5050WY Datasheet
236Kb / 3P
   5.0X5.0mm White SMD LED for Light Source
logo
Marktech Corporate
MTPS8065PT MARKTECH-MTPS8065PT_11 Datasheet
426Kb / 2P
   Visible Red Point Source LED
MTPS1065WC MARKTECH-MTPS1065WC Datasheet
453Kb / 2P
   Visible Red Point Source LED
MTPS8065WC MARKTECH-MTPS8065WC Datasheet
520Kb / 3P
   Visible Red Point Source LED
MTPS1065PT MARKTECH-MTPS1065PT Datasheet
424Kb / 2P
   Visible Red Point Source LED
logo
Micro Electronics
MLM-191NW MICRO-ELECTRONICS-MLM-191NW Datasheet
118Kb / 1P
   Visible LED White Color
logo
Panasonic Semiconductor
LN322114ALUN PANASONIC-LN322114ALUN Datasheet
19Kb / 1P
   LED LINE LIGHT SOURCE
LNR314701 PANASONIC-LNR314701 Datasheet
18Kb / 1P
   LED LINE LIGHT SOURCE
LNR304803N PANASONIC-LNR304803N Datasheet
21Kb / 1P
   LED LINE LIGHT SOURCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com