Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89536LHC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY89536LHC
Description  3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89536LHC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY89536LHC Datasheet HTML 1Page - Micrel Semiconductor SY89536LHC Datasheet HTML 2Page - Micrel Semiconductor SY89536LHC Datasheet HTML 3Page - Micrel Semiconductor SY89536LHC Datasheet HTML 4Page - Micrel Semiconductor SY89536LHC Datasheet HTML 5Page - Micrel Semiconductor SY89536LHC Datasheet HTML 6Page - Micrel Semiconductor SY89536LHC Datasheet HTML 7Page - Micrel Semiconductor SY89536LHC Datasheet HTML 8Page - Micrel Semiconductor SY89536LHC Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DESCRIPTION
■ Integrated synthesizer plus fanout buffers, clock
dividers, and translator in a single 64-pin package
■ Accepts any reference input between 14MHz to
160MHz (single-ended or differential)
■ 33MHz to 500MHz output frequency range
■ LVPECL and HSTL outputs
■ 3.3V ±10% power supply
■ Low jitter: <50ps cycle-to-cycle
■ Low pin-to-pin skew: <50ps
■ TTL/CMOS compatible control logic
■ 3 independently programmable output frequency
banks:
• 9 differential output pairs @BankB (HSTL)
• 2 differential output pairs @BankA (LVPECL)
• 2 differential output pairs @BankC (LVPECL)
■ Available in 64-pin EPAD-TQFP
FEATURES
3.3V, PRECISION, 33MHz to 500MHz
PROGRAMMABLE LVPECL AND HSTL
BUS CLOCK SYNTHESIZER
Precision Edge™
SY89536L
APPLICATIONS
■ Servers
■ Workstations
■ Parallel processor-based systems
■ Other high-performance computing
■ Communications
1
Rev.: A
Amendment: /0
Issue Date:
June 2003
The SY89536L programmable clock synthesizer is part
of a 3.3V, high-frequency, precision PLL-based clock
synthesizer family optimized for multi-frequency, large clock-
tree applications. This device integrates the following blocks
into a single monolithic IC:
• PLL (Phase-Lock-Loop)-based synthesizer
• Fanout buffer
• Clock generator (divider)
• Logic translation (LVPECL, HSTL)
The SY89536L includes a flexible input design that
accepts any reference input; single-ended LVTTL/CMOS,
SSTL and differential LVPECL, LVDS, HSTL, and CML.
This level of integration minimizes the additive jitter and
part-to-part skew associated with the discrete alternative,
resulting in superior system-level timing as well as reduced
board space and power. For applications that must interface
to a crystal oscillator, see the SY89531L.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
PRODUCT SELECTION GUIDE
Input
Output
Device
Crystal
Reference
BankA
BankB
BankC
SY89531L*
X
LVPECL
HSTL
LVPECL
SY89532L*
X
LVPECL LVPECL LVPECL
SY89533L*
X
LVPECL
LVDS
LVPECL
SY89534L*
X
LVPECL LVPECL LVPECL
SY89535L*
X
LVPECL
LVDS
LVPECL
SY89536L
X
LVPECL
HSTL
LVPECL
*Refer to individual data sheet for details.
Precision Edge is a trademark of Micrel, Inc.
Precision Edge™


Similar Part No. - SY89536LHC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89536LHC MICREL-SY89536LHC Datasheet
103Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536LHC MICREL-SY89536LHC Datasheet
104Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536LHCTR MICREL-SY89536LHCTR Datasheet
103Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536LHCTR MICREL-SY89536LHCTR Datasheet
104Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
More results

Similar Description - SY89536LHC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89536L MICREL-SY89536L_05 Datasheet
103Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_08 Datasheet
104Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L Datasheet
105Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L_08 Datasheet
111Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L_08 Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L_08 Datasheet
111Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND
SY89538L MICREL-SY89538L_08 Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
logo
Integrated Circuit Syst...
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com