Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89531L Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY89531L
Description  3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89531L Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY89531L Datasheet HTML 2Page - Micrel Semiconductor SY89531L Datasheet HTML 3Page - Micrel Semiconductor SY89531L Datasheet HTML 4Page - Micrel Semiconductor SY89531L Datasheet HTML 5Page - Micrel Semiconductor SY89531L Datasheet HTML 6Page - Micrel Semiconductor SY89531L Datasheet HTML 7Page - Micrel Semiconductor SY89531L Datasheet HTML 8Page - Micrel Semiconductor SY89531L Datasheet HTML 9Page - Micrel Semiconductor SY89531L Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
SY89536L
Micrel
V
CC_LOGIC = VCCA/C = +3.3V ±10%, VCCOB = +1.8V ±10%
Symbol
Parameter
Condition
Min
Typ
Max
Units
fIN
Reference Input Frequency
14
160
MHz
fOUT
Output Frequency Range
33.33
500
MHz
tVCO
Internal VCO Frequency Range
600
1000
MHz
tskew
Within Device Skew
Within Bank PECL
Note 9
——
50
ps
Within Bank HSTL
Note 9
——
75
ps
Bank-to-Bank
Note 9
60
150
ps
Part-to-Part Skew
Note 10
200
ps
tLOCK
Maximum PLL Lock Time
10
ms
tJITTER
Cycle-to-Cycle Jitter
(Pk-to-Pk)
Note 11
——
50
ps
Period Jitter
(rms)
Note 12
—50—
ps
tpw (min)
Minimum Pulse Width
50
ps
Target PLL Loop Bandwidth
Feedback Divider Ratio: 66
Note 13
1.0
MHz
Feedback Divider Ratio: 30
Note 13
2.0
MHz
tDC
fOUT Duty Cycle
45
50
55
%
tr, tf
Output Rise/Fall Time
(20% to 80%)
LVPECL_Out
250
400
ps
HSTL_Out
100
400
ps
tOUTPUT_RESET
Note 14
——
10
ns
tHOLD_FSEL
Note 14
5—
ns
tSETUP_FSEL
Note 14
5—
ns
tOUTPUT_SYNC
Note 14
1
VCO
clock cycle
FSEL-to-Valid Output Transition Time
50
ns
tSETUP_OUT_SYNC
500
ps
Note 8.
All HSTL outputs loaded with 50Ω to GND.
Note 9.
The within-device skew is defined as the worst case difference between any two similar delay paths within a single device operating at the
same voltage and temperature.
Note 10. The part-to-part skew is defined as the absolute worst case difference between any two delay paths on any two devices operating at the same
voltage and temperature.
Note 11. Cycle-to-cycle jitter definition: The variation in period between adjacent cycles over a random sample of adjacent cycle pairs. TJITTER_CC =Tn
Tn+1 where T is the time between rising edges of the output signal.
Note 12. Period Jitter definition: For a specified amount of time (i.e., 1ms), there are N periods of a signal, and Tn is defined as the average period of
that signal. Period jitter is defined as the variation in the period of the output signal for corresponding edges relative to Tn.
Note 13. Using recommended loop filter components.
Note 14. See
“Timing Diagrams."
AC ELECTRICAL CHARACTERISTICS


Similar Part No. - SY89531L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89531L MICREL-SY89531L Datasheet
105Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L Datasheet
103Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531LHC MICREL-SY89531LHC Datasheet
105Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531LHC MICREL-SY89531LHC Datasheet
111Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND
SY89531LHCTR MICREL-SY89531LHCTR Datasheet
105Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
More results

Similar Description - SY89531L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89536L MICREL-SY89536L_05 Datasheet
103Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_08 Datasheet
104Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L Datasheet
105Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L_08 Datasheet
111Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L_08 Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L_08 Datasheet
111Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND
SY89538L MICREL-SY89538L_08 Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
logo
Integrated Circuit Syst...
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com