Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY89536L Datasheet(PDF) 2 Page - Micrel Semiconductor

Part No. SY89536L
Description  3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

SY89536L Datasheet(HTML) 2 Page - Micrel Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
SY89536L
Micrel
PACKAGE/ORDERING INFORMATION
Ordering Information
Package
Operating
Package
Part Number
Type
Range
Marking
SY89536LHC
H64-1
Commercial
SY89536LHC
NC*
NC*
NC*
GND
PSEL1
PSEL0
LOOP_REF
LOOP_FILTER
GND
REFCLK
/REFCLK
VBB_REF
M(3)
M(2)
M(1)
M(0)
/QB0
QB1
/QB1
QB2
/QB2
QB3
/QB3
QB4
/QB4
QB5
/QB5
QB6
/QB6
QB7
/QB7
QB8
64
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
64-Pin EPAD-TQFP (H64-1)
*NC: Do not connect, leave floating.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn