Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ09DZ1U Datasheet(PDF) 9 Page - Sharp Corporation

Part # PQ09DZ1U
Description  0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ09DZ1U Datasheet(HTML) 9 Page - Sharp Corporation

Back Button PQ09DZ1U Datasheet HTML 2Page - Sharp Corporation PQ09DZ1U Datasheet HTML 3Page - Sharp Corporation PQ09DZ1U Datasheet HTML 4Page - Sharp Corporation PQ09DZ1U Datasheet HTML 5Page - Sharp Corporation PQ09DZ1U Datasheet HTML 6Page - Sharp Corporation PQ09DZ1U Datasheet HTML 7Page - Sharp Corporation PQ09DZ1U Datasheet HTML 8Page - Sharp Corporation PQ09DZ1U Datasheet HTML 9Page - Sharp Corporation PQ09DZ1U Datasheet HTML 10Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Low Power-Loss Voltage Regulators
PQ05DZ51/11 Series / PQ3DZ53/13
s Model Line-ups for Tape-packaged Products
PQ05DZ51
PQ09DZ51
PQ12DZ51
PQ3DZ13
PQ05DZ11
PQ09DZ11
PQ05DZ5U
PQ09DZ5U
PQ12DZ5U
PQ3DZ13U
PQ05DZ1U
PQ09DZ1U
PQ12DZ11
PQ12DZ1U
0.5A output
1.0A output
Output current
Sleeve-packaged products
Tape-packaged products
PQ3DZ53
PQ3DZ53U
s Typical Application
CO
VIN
CIN
+
Vo
ON/OFF signal
High : Output ON
Low or Open: Output OFF
1
5
3
2
DC input
Fig.40 Ripple Rejection vs. Output Current
(PQ05DZ11series/PQ3DZ13)
Output current Io (A)
0
0.5
1.0
10
20
30
40
50
60
70
80
90
100
f=120Hz (sine wave)
ei(rms)=0.5V
Tj=25˚C
VIN =5V (PQ3DZ13)
=7V (PQ05DZ11)
=11V (PQ09DZ11)
=14V (PQ12DZ11)
PQ3DZ13
PQ05DZ11
PQ09DZ11
PQ12DZ11
Fig.39 Ripple Rejection vs. Output Current
(PQ05DZ51series/PQ3DZ53)
Output current Io (A)
0
0.1
0.2
0.3
0.4
0.5
10
0
20
30
40
50
60
70
80
f=120Hz (sine wave)
ei(rms)=0.5V
Tj=25˚C
VIN =5V (PQ3DZ53)
=7V (PQ05DZ51)
=11V (PQ09DZ51)
=14V (PQ12DZ51)
PQ3DZ53
PQ05DZ51
PQ09DZ51
PQ12DZ51


Similar Part No. - PQ09DZ1U

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ09DZ11 SHARP-PQ09DZ11 Datasheet
19Kb / 2P
   0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
More results

Similar Description - PQ09DZ1U

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05DZ51 SHARP-PQ05DZ51 Datasheet
19Kb / 2P
   0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PQ20WZ1U SHARP-PQ20WZ1U Datasheet
70Kb / 6P
   Variable Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PQ20WZ51 SHARP-PQ20WZ51 Datasheet
65Kb / 6P
   Variable Output, General Purpose, Surface Mount Type Power-Loss Voltage Regulator
PQ15RW08 SHARP-PQ15RW08_01 Datasheet
72Kb / 4P
   Variable Output, General Purpose Type Low Power-Loss Voltage Regulator
PQ05VY3H3Z SHARP-PQ05VY3H3Z Datasheet
89Kb / 9P
   Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulator
PQ035ZN01ZPH SHARP-PQ035ZN01ZPH Datasheet
152Kb / 6P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulator
PQ035ZN1HZPH SHARP-PQ035ZN1HZPH Datasheet
270Kb / 4P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulator
logo
Unisonic Technologies
R33LD20 UTC-R33LD20 Datasheet
383Kb / 11P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
UR1220 UTC-UR1220 Datasheet
283Kb / 6P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Sharp Corporation
PQ05RD21 SHARP-PQ05RD21_01 Datasheet
70Kb / 7P
   2.0A Output Type Low Power-Loss Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com