Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMHF283R3S Datasheet(PDF) 12 Page - Interpoint Corporation Company

Part No. SMHF283R3S
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMHF283R3S Datasheet(HTML) 12 Page - Interpoint Corporation Company

Back Button SMHF283R3S Datasheet HTML 4Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 5Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 6Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 7Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 8Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 9Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 10Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 11Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 12Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
44
DC/DC CONVERTERS
11921-001-DTS Rev B This revision supercedes all previous releases.
All technical information is believed to be accurate, but no responsibility is assumed
for errors or omissions. Interpoint reserves the right to make changes in products or
specifications without notice. SMHF Series is a trademark of Interpoint. Copyright
© 1997-2000 Interpoint. All rights reserved.
TABLE 3: RADIATION HARDNESS LEVELS
SMHF SERIES
SINGLE AND DUAL
15 WATT
Contact Information:
Interpoint Headquarters USA
Phone:
1-800-822-8782
+425-882-3100
Email:
power@intp.com
www.interpoint.com
Interpoint UK
Phone:
+44-1252-872266
Email:
poweruk@intp.com
Interpoint France
Phone:
+33-134285455
Email:
powerfr@intp.com
PRODUCT LEVEL AVAILABILITY
ENVIRONMENTAL SCREENING LEVELS
SPACE
PROTOTYPE
CLASS
CLASS
RADIATION HARDNESS LEVELS
(O)
H
K
O: Standard, no radiation guarantee
For system evaluation, electrically
OO
HO
Not
and mechanically comparable to
available
H and K level.
R: Radiation hardened – Tested lots
Not
Up to 100 k Rads (Si) total dose
available
HR
KR
SEU guarantee up to 40 MeV
TABLE 4:
REPORTS INCLUDED WITH PURCHASE OF PRODUCT HR or KR
1. Radiation Susceptibility Analysis
2. Electrical/Thermal Stress Analysis and Derating Report
3. MTBF Report
4. FMEA Report
HO option: Reports 2, 3, and 4 are included with purchase.
OO option: Select reports available as separate purchases.
R is referenced to
MIL-PRF-38534, appendix G, Radiation Hardness Assurance
(RHA) levels.


Similar Part No. - SMHF283R3S

ManufacturerPart No.DatasheetDescription
Interpoint Corporation Company
Interpoint Corporation ...
SMHF283R3S INTERPOINT-SMHF283R3S Datasheet
591Kb / 15P
   Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
SMHF283R3S/KR INTERPOINT-SMHF283R3S/KR Datasheet
511Kb / 15P
   SMHF Single and Dual DC-DC Converters
SMHF283R3S INTERPOINT-SMHF283R3S_15 Datasheet
511Kb / 15P
   SMHF Single and Dual DC-DC Converters
More results

Similar Description - SMHF283R3S

ManufacturerPart No.DatasheetDescription
Interpoint Corporation Company
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
Crane Aerospace & Electronics.
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MHD2805S CRANE-MHD2805S Datasheet
157Kb / 11P
   DC/DC CONVERTERS 28 VOLT INPUT
MHF2812D CRANE-MHF2812D Datasheet
88Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz