Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMHF283R3S Datasheet(PDF) 11 Page - Interpoint Corporation Company

Part No. SMHF283R3S
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMHF283R3S Datasheet(HTML) 11 Page - Interpoint Corporation Company

Back Button SMHF283R3S Datasheet HTML 4Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 5Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 6Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 7Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 8Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 9Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 10Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 11Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 12Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
43
DC/DC CONVERTERS
TABLE 2: PRODUCT ENVIRONMENTAL SCREENING
SMHF SERIES
SINGLE AND DUAL
15 WATT
ENVIRONMENTAL SCREENING
SPACE
TEST PERFORMED
PROTOTYPE
CLASS
CLASS
(END ITEM LEVEL)(O)
H
K
Non-destruct bond pull
Method 2023
no
no
yes
Pre-cap inspection
Method 2017, 2032
yes
yes
yes
Temperature cycle
Method 1010, Cond. C
yes
yes
yes
Constant acceleration
Method 2001, 3000 g
yes
yes
yes
PIND Test
Method 2020, Cond. B
no
yes
yes
Radiography
Method 2012
no
no
yes
Pre burn-in test
yes
yes
yes
Burn-in, Method 1015, 125°C
96 hours
yes
no
no
160 hours
no
yes
no
2 x 160 hour (includes mid BI test)
no
no
yes
Final electrical test
MIL-PRF-38534, Group A
yes
yes
yes
Hermeticity test
Fine Leak,
Method 1014, Cond. A
yes
yes
yes
Gross Leak,
Method 1014, Cond. C
yes
yes
yes
Final visual inspection
Method 2009
yes
yes
yes
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.


Similar Part No. - SMHF283R3S

ManufacturerPart No.DatasheetDescription
Interpoint Corporation Company
Interpoint Corporation ...
SMHF283R3S INTERPOINT-SMHF283R3S Datasheet
591Kb / 15P
   Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
SMHF283R3S/KR INTERPOINT-SMHF283R3S/KR Datasheet
511Kb / 15P
   SMHF Single and Dual DC-DC Converters
SMHF283R3S INTERPOINT-SMHF283R3S_15 Datasheet
511Kb / 15P
   SMHF Single and Dual DC-DC Converters
More results

Similar Description - SMHF283R3S

ManufacturerPart No.DatasheetDescription
Interpoint Corporation Company
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
Crane Aerospace & Electronics.
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MHD2805S CRANE-MHD2805S Datasheet
157Kb / 11P
   DC/DC CONVERTERS 28 VOLT INPUT
MHF2812D CRANE-MHF2812D Datasheet
88Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz