Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5SV16M16AT-8B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # NT5SV16M16AT-8B
Description  256Mb Synchronous DRAM
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT5SV16M16AT-8B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  NT5SV16M16AT-8B Datasheet HTML 1Page - List of Unclassifed Manufacturers NT5SV16M16AT-8B Datasheet HTML 2Page - List of Unclassifed Manufacturers NT5SV16M16AT-8B Datasheet HTML 3Page - List of Unclassifed Manufacturers NT5SV16M16AT-8B Datasheet HTML 4Page - List of Unclassifed Manufacturers NT5SV16M16AT-8B Datasheet HTML 5Page - List of Unclassifed Manufacturers NT5SV16M16AT-8B Datasheet HTML 6Page - List of Unclassifed Manufacturers NT5SV16M16AT-8B Datasheet HTML 7Page - List of Unclassifed Manufacturers NT5SV16M16AT-8B Datasheet HTML 8Page - List of Unclassifed Manufacturers NT5SV16M16AT-8B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
NT5SV64M4AT(L)
NT5SV32M8AT(L)
NT5SV16M16AT(L)
256Mb Synchronous DRAM
REV 1.0
May, 2001
4
© NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Ordering Information
Organization
Part Number
Speed Grade
Package
Self
Refresh
Clock Frequency@CAS Latency
Note
64M x 4
NT5SV64M4AT-7K
143MHz@CL3
133MHz@CL2
PC133 , PC100
400mil 54-
PIN
TSOP II
SP
NT5SV64M4AT-75B
133MHz@CL3
100MHz@CL2
PC133 , PC100
NT5SV64M4AT-8B
125MHz@CL3
100MHz@CL2
PC100
32M x 8
NT5SV32M8AT-7K
143MHz@CL3
133MHz@CL2
PC133 , PC100
NT5SV32M8AT-75B
133MHz@CL3
100MHz@CL2
PC133 , PC100
NT5SV32M8AT-8B
125MHz@CL3
100MHz@CL2
PC100
16M x 16
NT5SV16M16AT-7K
143MHz@CL3
133MHz@CL2
PC133 , PC100
NT5SV16M16AT-75B
133MHz@CL3
100MHz@CL2
PC133 , PC100
NT5SV16M16AT-8B
125MHz@CL3
100MHz@CL2
PC100
16M x 16
NT5SV16M16AT-7KL
143MHz@CL3
133MHz@CL2
PC133 , PC100
LP
NT5SV16M16AT-75BL
133MHz@CL3
100MHz@CL2
PC133 , PC100
NT5SV16M16AT-8BL
125MHz@CL3
100MHz@CL2
PC100
SP : Standard Power ; LP : Low power


Similar Part No. - NT5SV16M16AT-8B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT5SV16M4DT ETC-NT5SV16M4DT Datasheet
203Kb / 21P
   64Mb Synchronous DRAM
NT5SV16M4DT-6K ETC-NT5SV16M4DT-6K Datasheet
203Kb / 21P
   64Mb Synchronous DRAM
NT5SV16M4DT-7 ETC-NT5SV16M4DT-7 Datasheet
203Kb / 21P
   64Mb Synchronous DRAM
NT5SV16M4DT-7K ETC-NT5SV16M4DT-7K Datasheet
203Kb / 21P
   64Mb Synchronous DRAM
More results

Similar Description - NT5SV16M16AT-8B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S83200J ISSI-IS42S83200J Datasheet
1Mb / 63P
   256Mb SYNCHRONOUS DRAM
IS42S32800G ISSI-IS42S32800G Datasheet
1,009Kb / 58P
   256Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM488M3244VTB EOREX-EM488M3244VTB Datasheet
685Kb / 17P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244VBA EOREX-EM488M3244VBA Datasheet
203Kb / 17P
   256Mb (2M쨈4Bank쨈32) Synchronous DRAM
EM48AM1684VBB EOREX-EM48AM1684VBB Datasheet
669Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684LBA EOREX-EM48AM1684LBA Datasheet
650Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VTE EOREX-EM48AM1684VTE Datasheet
222Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VTF EOREX-EM48AM1684VTF Datasheet
222Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
logo
List of Unclassifed Man...
EM48AM1684VTB ETC2-EM48AM1684VTB Datasheet
704Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
logo
Eorex Corporation
EM48AM1684VBE EOREX-EM48AM1684VBE Datasheet
192Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com