Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCF5744 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # SCF5744
Description  0.270??4-Character, 5x7 Dot Matrix Serial Input Dot Addressable Intelligent Display
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SCF5744 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button SCF5744 Datasheet HTML 4Page - Siemens Semiconductor Group SCF5744 Datasheet HTML 5Page - Siemens Semiconductor Group SCF5744 Datasheet HTML 6Page - Siemens Semiconductor Group SCF5744 Datasheet HTML 7Page - Siemens Semiconductor Group SCF5744 Datasheet HTML 8Page - Siemens Semiconductor Group SCF5744 Datasheet HTML 9Page - Siemens Semiconductor Group SCF5744 Datasheet HTML 10Page - Siemens Semiconductor Group SCF5744 Datasheet HTML 11Page - Siemens Semiconductor Group SCF5744 Datasheet HTML 12Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2–207
SCF5740/2/4
Table 4a. Display Brightness
Table 4b. Display Brightness
The SCF574X offers a unique Display Power Down feature
which reduces ICC to less than 50
µA. When EF
HEX is loaded
(Table 5) the display is set to 0% brightness. When in the
Power Down mode data may still be written into the RAM. The
display is reactivated by loading a new brightness Level Con-
trol Word into the display.
Table 5. Power Down
Figure 8. Row and Column Locations for a Character “D”
Op code
D7 D6
Control Word
D5
D4
D3
D2
D1
D0
Hex
Operation
Level
1
1
1
0
0
0
0
0
E0
100%
1
1
1
0
0
0
0
1
E1
53%
1
1
1
0
0
0
1
0
E2
40%
1
1
1
0
0
0
1
1
E3
27%
1
1
1
0
0
1
0
0
E4
20%
1
1
1
0
0
1
0
1
E5
13%
1
1
1
0
0
1
1
0
E6
6.6%
1
1
1
0
0
1
1
1
E7
0.0%
Op code
D7 D6
Control Word
D5
D4
D3
D2
D1
D0
Hex
Operation
Level
1
1
1
0
1
0
0
0
E0
100%
1
1
1
0
1
0
0
1
E1
53%
1
1
1
0
1
0
1
0
E2
40%
1
1
1
0
1
0
1
1
E3
27%
1
1
1
0
1
1
0
0
E4
20%
1
1
1
0
1
1
0
1
E5
13%
1
1
1
0
1
1
1
0
E6
6.6%
1
1
1
0
1
1
1
1
E7
0.0%
Op code
D7 D6
Control Word
D5 D4 D3 D2 D1 D0
Hex
Operation Level
1
1
1
0 1
1
1
1 1
EF
0% brightness
off LED
on LED
Row 0
Row 1
Row 2
Row 3
Row 4
Row 5
Row 6
Previously “on” LED
0 1 2 3 4
Columns
The user can activate four Control functions. These include:
LED Brightness Level, IC Power Down, Prescaler, or Display
Clear. OPCODEs and six bit words are used to initiate these
functions. The OPCODEs and Control Words for the Charac-
ter Address and Loading Column Data are shown in Tables 2
and 3 .
Table 2. Load Character Address
Table 3. Load Column Data
The user can select eight specific LED brightness levels,
Table 4. Depending on how D3 is selected either one (1) for
maximum peak current or zero (0) for 12.5% of maximum
peak current in the control word per Table 4a and 4b, the user
can select 16 specific LED brightness levels. These bright-
ness levels (in percentages of full brightness of the display)
depending on how the user selects D3 can be one (1) or zero
(0) are as follows: 100% (E0HEX or E8HEX), 53% (E1HEX or
E9HEX), 40% (E2HEX or EAHEX ), 27% (E3HEX or EBHEX ), 20%
(E4HEX or ECHEX ), 13% (E5HEX or EDHEX), and 6.6% (E6HEX
or EEHEX ), 0.0% (E7HEX or EFHEX ). The brightness levels are
controlled by changing the duty factor of the row strobe
pulse.
Op code
D7 D6 D5
Character
Address
D4 D3 D2 D1 D0
Hex
Operation Load
1
0
1
0
0
0
0
0
A0
Character 0
1
0
1
0
0
0
0
1
A1
Character 1
1
0
1
0
0
0
1
0
A2
Character 2
1
0
1
0
0
0
1
1
A3
Character 3
Op code
D7 D6 D5
Column Data
D4 D3 D2 D1 D0
Operation Load
0
0
0
C0 C1 C2 C3 C4
Row 0
0
0
0
C0 C1 C2 C3 C4
Row 1
0
0
0
C0 C1 C2 C3 C4
Row 2
0
0
0
C0 C1 C2 C3 C4
Row 3
0
0
0
C0 C1 C2 C3 C4
Row 4
0
0
0
C0 C1 C2 C3 C4
Row 5
0
0
0
C0 C1 C2 C3 C4
Row 6


Similar Part No. - SCF5744

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SCF5000 SEMTECH-SCF5000 Datasheet
105Kb / 3P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
logo
Freescale Semiconductor...
SCF5249 FREESCALE-SCF5249 Datasheet
924Kb / 56P
   Integrated ColdFire Microprocessor
SCF5249LAG120 FREESCALE-SCF5249LAG120 Datasheet
924Kb / 56P
   Integrated ColdFire Microprocessor
SCF5249LPV120 FREESCALE-SCF5249LPV120 Datasheet
924Kb / 56P
   Integrated ColdFire Microprocessor
SCF5249VF140 FREESCALE-SCF5249VF140 Datasheet
924Kb / 56P
   Integrated ColdFire Microprocessor
More results

Similar Description - SCF5744

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SCD5580A INFINEON-SCD5580A Datasheet
427Kb / 15P
   8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
March 23, 2000-18
logo
Siemens Semiconductor G...
SCD5580 SIEMENS-SCD5580 Datasheet
114Kb / 15P
   Serial Input Dot Addressable Intelligent Display
logo
OSRAM GmbH
DLX713X OSRAM-DLX713X Datasheet
194Kb / 4P
   5x7 Dot Matrix Intelligent Display
logo
Infineon Technologies A...
HDSP2110S INFINEON-HDSP2110S Datasheet
500Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
March 24, 2000-13
logo
Siemens Semiconductor G...
HDSP2111S SIEMENS-HDSP2111S Datasheet
300Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
MSD2010TXV SIEMENS-MSD2010TXV Datasheet
426Kb / 11P
   150 4-Character 5x7 Dot Matrix Serial Input Alphanumeric Military Display
MSD2310TXV SIEMENS-MSD2310TXV Datasheet
413Kb / 11P
   200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
MSD2351TXV SIEMENS-MSD2351TXV Datasheet
411Kb / 11P
   SUNLIGHT VIEWABLE .200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
DLO4135 SIEMENS-DLO4135 Datasheet
167Kb / 4P
   43/68 Single Character DLO4135/7 5x7 Dot Matrix Intelligent Display
logo
OSRAM GmbH
SCE5780 OSRAM-SCE5780 Datasheet
777Kb / 15P
   Serial Input Dot Addressable Intelligent Display짰 Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com