Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5SV32M8AT-7K Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # NT5SV32M8AT-7K
Description  256Mb Synchronous DRAM
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT5SV32M8AT-7K Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button NT5SV32M8AT-7K Datasheet HTML 5Page - List of Unclassifed Manufacturers NT5SV32M8AT-7K Datasheet HTML 6Page - List of Unclassifed Manufacturers NT5SV32M8AT-7K Datasheet HTML 7Page - List of Unclassifed Manufacturers NT5SV32M8AT-7K Datasheet HTML 8Page - List of Unclassifed Manufacturers NT5SV32M8AT-7K Datasheet HTML 9Page - List of Unclassifed Manufacturers NT5SV32M8AT-7K Datasheet HTML 10Page - List of Unclassifed Manufacturers NT5SV32M8AT-7K Datasheet HTML 11Page - List of Unclassifed Manufacturers NT5SV32M8AT-7K Datasheet HTML 12Page - List of Unclassifed Manufacturers NT5SV32M8AT-7K Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
NT5SV64M4AT(L)
NT5SV32M8AT(L)
NT5SV16M16AT(L)
256Mb Synchronous DRAM
REV 1.0
May, 2001
9
© NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Bank Activate Command
In relation to the operation of a fast page mode DRAM, the Bank Activate command correlates to a falling RAS signal. The Bank
Activate command is issued by holding CAS and WE high with CS and RAS low at the rising edge of the clock. The Bank Select
address BA0 - BA1 is used to select the desired bank. The row address A0 - A12 is used to determine which row to activate in
the selected bank.
The Bank Activate command must be applied before any Read or Write operation can be executed. The delay from when the
Bank Activate command is applied to when the first read or write operation can begin must meet or exceed the RAS to CAS
delay time (tRCD). Once a bank has been activated it must be precharged before another Bank Activate command can be
applied to the same bank. The minimum time interval between successive Bank Activate commands to the same bank is deter-
mined by the RAS cycle time of the device (tRC). The minimum time interval between interleaved Bank Activate commands
(Bank A to Bank B and vice versa) is the Bank to Bank delay time (tRRD). The maximum time that each bank can be held active
is specified as tRAS(max).
Bank Select
The Bank Select inputs, BA0 and BA1, determine the bank to be used during a Bank Activate, Precharge, Read, or Write oper-
ation.
Bank Activate Command Cycle
Bank Selection Bits
BA0
BA1
Bank
0
0
Bank 0
1
0
Bank 1
0
1
Bank 2
1
1
Bank 3
ADDRESS
CK
T0
T2
T1
T3
Tn
Tn+1
Tn+2
Tn+3
COMMAND
NOP
NOP
NOP
NOP
Bank A
Row Addr.
Bank A
Activate
Write A
with Auto
Bank A
Col. Addr.
. . . . . . . . . .
. . . . . . . . . .
. . . . . . . . . .
Bank B
Activate
Bank A
Row Addr.
Bank A
Activate
RAS-CAS delay (
tRCD)
: “H” or “L”
RAS Cycle time (
t
RC )
Precharge
RAS - RAS delay time (
tRRD)
Bank B
Row Addr.
(CAS Latency = 3, tRCD = 3)


Similar Part No. - NT5SV32M8AT-7K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT5SV16M4DT ETC-NT5SV16M4DT Datasheet
203Kb / 21P
   64Mb Synchronous DRAM
NT5SV16M4DT-6K ETC-NT5SV16M4DT-6K Datasheet
203Kb / 21P
   64Mb Synchronous DRAM
NT5SV16M4DT-7 ETC-NT5SV16M4DT-7 Datasheet
203Kb / 21P
   64Mb Synchronous DRAM
NT5SV16M4DT-7K ETC-NT5SV16M4DT-7K Datasheet
203Kb / 21P
   64Mb Synchronous DRAM
NT5SV4M16DT ETC-NT5SV4M16DT Datasheet
203Kb / 21P
   64Mb Synchronous DRAM
More results

Similar Description - NT5SV32M8AT-7K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S83200J ISSI-IS42S83200J Datasheet
1Mb / 63P
   256Mb SYNCHRONOUS DRAM
IS42S32800G ISSI-IS42S32800G Datasheet
1,009Kb / 58P
   256Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM488M3244VTB EOREX-EM488M3244VTB Datasheet
685Kb / 17P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244VBA EOREX-EM488M3244VBA Datasheet
203Kb / 17P
   256Mb (2M쨈4Bank쨈32) Synchronous DRAM
EM48AM1684VBB EOREX-EM48AM1684VBB Datasheet
669Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684LBA EOREX-EM48AM1684LBA Datasheet
650Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VTE EOREX-EM48AM1684VTE Datasheet
222Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VTF EOREX-EM48AM1684VTF Datasheet
222Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
logo
List of Unclassifed Man...
EM48AM1684VTB ETC2-EM48AM1684VTB Datasheet
704Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
logo
Eorex Corporation
EM48AM1684VBE EOREX-EM48AM1684VBE Datasheet
192Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com