Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ3DZ53 Datasheet(PDF) 6 Page - Sharp Electrionic Components

Part No. PQ3DZ53
Description  0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

PQ3DZ53 Datasheet(HTML) 6 Page - Sharp Electrionic Components

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Low Power-Loss Voltage Regulators
PQ05DZ51/11 Series / PQ3DZ53/13
Input voltage VIN (V)
012345678
5
0
20
10
15
RL=16.7
RL=10
RL=
Vc=2.7V, Ci=0.33
µF, Co=47µF
Input voltage VIN (V)
012345678
5
0
20
10
15
Vc=2.7V, Ci=0.33
µF, Co=47µF
RL=11
RL=6.6
RL=
Fig.25 Circuit Operating Current vs. Input
Voltage (PQ3DZ53)
Fig.26 Circuit Operating Current vs. Input
Voltage (PQ05DZ51)
Input voltage VIN (V)
10
05
15
10
5
15
Vc=2.7V , Ci=0.33
µF , Co=47µF
Tj=25˚C
RL=12
RL=24
RL=
Input voltage VIN (V)
10
05
15
10
5
15
Vc=2.7V , Ci=0.33
µF , Co=47µF
Tj=25˚C
RL=9
RL=18
RL=
Fig.23 Output Voltage vs. Input Voltage
(Typical Value) (PQ09DZ11)
Fig.24 Output Voltage vs. Input Voltage
(Typical Value) (PQ12DZ11)
Input voltage VIN (V)
012345678
1
2
3
4
5
6
7
8
Vc=2.7V , Ci=0.33
µF , Co=47µF
Tj=25˚C
RL=5
RL=10
RL=
Fig.22 Output Voltage vs. Input Voltage
(Typical Value) (PQ05DZ11)
Input voltage VIN (V)
012345678
1
2
3
4
5
6
7
8
Vc=2.7V , Ci=0.33
µF , Co=47µF
Tj=25˚C
RL=6.6
RL=
RL=3.3
Fig.21 Output Voltage vs. Input Voltage
(Typical Value) (PQ3DZ13)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn