Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ3DZ53 Datasheet(PDF) 5 Page - Sharp Electrionic Components

Part No. PQ3DZ53
Description  0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

PQ3DZ53 Datasheet(HTML) 5 Page - Sharp Electrionic Components

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Low Power-Loss Voltage Regulators
PQ05DZ51/11 Series / PQ3DZ53/13
Input voltage VIN (V)
10
05
15
10
5
15
Vc=2.7V , Ci=0.33
µF , Co=47µF
Tj=25˚C
RL=24
RL=40
RL=
Input voltage VIN (V)
05
15
10
5
15
Vc=2.7V , Ci=0.33
µF , Co=47µF
Tj=25˚C
RL=30
RL=18
RL=
10
Fig.19 Output Voltage vs. Input Voltage
(Typical Value) (PQ09DZ51)
Fig.20 Output Voltage vs. Input Voltage
(Typical Value) (PQ12DZ51)
Input voltage VIN (V)
012345678
1
2
3
4
5
6
7
Vc=2.7V , Ci=0.33
µF , Co=47µF
RL=16.7
RL=10
RL=
Input voltage VIN (V)
012345678
1
2
3
4
5
6
7
Vc=2.7V , Ci=0.33
µF , Co=47µF
RL=11
RL=6.6
RL=
Fig.17 Output Voltage vs. Input Voltage
(Typical Value) (PQ3DZ53)
Fig.18 Output Voltage vs. Input Voltage
(Typical Value) (PQ05DZ51)
Junction temperature Tj (˚C)
25
0
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
20
30
40
50
60
70
25
50
75
100
125
VIN=14V , Io=0.3A , Vc=2.7V
(PQ12DZ51)
VIN=14V , Io=0.5A , Vc=2.7V
(PQ12DZ11)
PQ12DZ11
PQ12DZ51
Fig.16 Output Voltage Deviation vs. Junction
Temperature (PQ12DZ51/11)
–25
0
0
90
80
70
60
50
40
30
20
10
10
20
30
40
50
60
70
25
50
75
100
125
Junction temperature Tj (˚C)
VIN=11V , Io=0.3A , Vc=2.7V
(PQ09DZ51)
VIN=11V , Io=0.5A , Vc=2.7V
(PQ09DZ11)
PQ09DZ11
PQ09DZ51
Fig.15 Output Voltage Deviation vs. Junction
Temperature (PQ09DZ51/11)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn