Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ3DZ53 Datasheet(PDF) 4 Page - Sharp Electrionic Components

Part No. PQ3DZ53
Description  0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

PQ3DZ53 Datasheet(HTML) 4 Page - Sharp Electrionic Components

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Low Power-Loss Voltage Regulators
PQ05DZ51/11 Series / PQ3DZ53/13
Junction temperature Tj (˚C)
–25
0
0
50
45
40
35
30
25
20
15
10
5
5
10
15
20
25
30
35
25
50
75
100
125
VIN=7V , Io=0.3A , Vc=2.7V
(PQ05DZ51)
VIN=7V , Io=0.5A , Vc=2.7V
(PQ05DZ11)
PQ05DZ51
PQ05DZ11
Junction temperature Tj (˚C)
–25
0
0
50
45
40
35
30
25
20
15
10
5
5
10
15
20
25
30
35
25
50
75
100
125
VIN=5V , Io=0.3A , Vc=2.7V
(PQ3DZ53)
VIN=5V , Io=0.5A , Vc=2.7V
(PQ3DZ13)
PQ3DZ13
PQ3DZ53
Fig.13 Output Voltage Deviation vs. Junction
Temperature (PQ3DZ53/13)
Fig.14 Output Voltage Deviation vs. Junction
Temperature (PQ05DZ51/11)
Fig.11 Overcurrent Protection characteristics
(Typical Value)(PQ12DZ11)
Output current Io (A)
0
0.5
1.0
1.5
2.0
1
2
3
4
5
7
8
6
9
10
11
12
Vi-o=10V
Vi-o=5V
Vi-o=2V
Vi-o=3V
Vi-o=1V
Vi-o=0.5V
Fig.12 Power Dissipation vs. Ambient
Temperature (Typical Value)
PWB
Material
: Glass-cloth epoxy resin
Size
: 50 x 50 x 1.6mm
Cu thickness : 35
µm
PWB
Cu
Cu area 740mm
2
Cu area 180mm2
Cu area 100mm2
Cu area 70mm2
Cu area 36mm2
Ambient temperature Ta (˚C)
–20
0
0
1
2
3
20
40
60
80
100


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn