Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ3DZ53 Datasheet(PDF) 3 Page - Sharp Electrionic Components

Part No. PQ3DZ53
Description  0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

PQ3DZ53 Datasheet(HTML) 3 Page - Sharp Electrionic Components

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Low Power-Loss Voltage Regulators
PQ05DZ51/11 Series / PQ3DZ53/13
Fig. 5 Overcurrent Protection Characteristics
(Typical Value) (PQ3DZ13)
Output current Io (A)
0
0.5
1.5
2.0
1.0
1
2
3
4
7
8
9
5
6
10
11
12
Vi-O=3V
Vi-O=1V
Vi-O=2V
Vi-O=0.5V
Vi-O=10V
Vi-O=5V
Fig. 6 Overcurrent Protection Characteristics
(Typical Value) (PQ05DZ51)
Output current Io (A)
0
0.5
1.5
2.0
1.0
1
2
3
4
7
8
9
5
6
10
11
12
Vi-O=10V
Vi-O=2V
Vi-O=0.5V
Vi-O=5V
Vi-O=3V
Vi-O=1V
Fig. 7 Overcurrent Protection Characteristics
(Typical Value) (PQ09DZ51)
Fig. 8 Overcurrent Protection Characteristics
(Typical Value) (PQ12DZ51)
Output current Io (A)
0
0.5
1.5
2.0
1.0
1
2
3
4
7
8
9
5
6
10
11
12
Vi-O=10V
Vi-O=2V
Vi-O=1V
Vi-O=0.5V
Vi-O=5V
Vi-O=3V
Output current Io (A)
0
0.5
1.5
2.0
1.0
1
2
3
4
7
8
9
5
6
10
11
12
Vi-O=10V
Vi-O=2V
Vi-O=1V
Vi-O=0.5V
Vi-O=5V
Vi-O=3V
Fig. 9 Overcurrent Protection Characteristics
(Typical Value)(PQ05DZ11)
Output current Io (A)
1.0
1.5
2.0
0.5
0
1.0
2.0
3.0
4.0
5.0
Vi-o=0.5V
Vi-o=1V
Vi-o=2V
Vi-o=3V
Vi-o=5V
Vi-o=10V
Fig.10 Overcurrent Protection Characteristics
(Typical Value)(PQ09DZ11)
Output current Io (A)
0
0.5
1.0
1.5
2.0
1.0
2.0
3.0
4.0
5.0
7.0
8.0
6.0
9.0
Vi-o=10V
Vi-o=5V
Vi-o=0.5V
Vi-o=1V
Vi-o=2V
Vi-o=3V


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn