Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ3DZ53 Datasheet(PDF) 2 Page - Sharp Electrionic Components

Part No. PQ3DZ53
Description  0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

PQ3DZ53 Datasheet(HTML) 2 Page - Sharp Electrionic Components

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Low Power-Loss Voltage Regulators
PQ05DZ51/11 Series / PQ3DZ53/13
s Electrical Characteristics
Fig. 3 Power Dissipation vs. Ambient
Temperature
Fig. 4 Overcurrent Protection Characteristics
(Typical Value) (PQ3DZ53)
Fig. 1 Test Circuit
Fig. 2 Test Circuit of Ripple Rejection
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
4.85
5.0
5.15
V
––
❇8 0.2
❇8 0.1
2.0
%
––
2.5
%
❇9
±0.01
––
––
%/˚C
45
dB
––
❇8 0.2
60
0.5
V
2.0
V
––
––
0.8
V
––
❇8 4
––
––
10
5
––
––
––
––
––
mA
2
µA
µA
µA
200
❇4 PQ3DZ53/PQ3DZ13:VIN=5V, PQ05DZ51/11:VIN =7V, PQ09DZ51/11:VIN =11V, PQ12DZ51/11: VIN =14V
❇5 PQ3DZ53/13:VIN=4 to 10V, PQ05DZ51/11:VIN = 6 to 16V, PQ09DZ51/11:VIN =10 to 20V, PQ12DZ51/11: VIN =13 to 23V
❇6 Input voltage shall be the value when output voltage is 95% in comparison with the initial value. PQ3DZ53/13:VIN=3.7V
❇7 In case of opening control terminal
, output voltage turns off.
❇8 Applied only to PQ05DZ51/11 series.
❇9 PQ3DZ53/PQ3DZ13:
±0.02
11.64
12.0
12.36
––
(Unless otherwise specified, conditions shall be Vc=2.7V, Io=0.3A[PQ05DZ51 series/PQ3DZ53], Io=0.5A[PQ05DZ11 series/PQ3DZ13]❇4, Ta=25˚C)
3.201
3.3
3.399
8.73
9.0
9.27
––
2
PQ3DZ53/PQ3DZ13
PQ05DZ51/PQ05DZ11
PQ05DZ51 series
PQ05DZ11 series
PQ09DZ51/PQ09DZ11
PQ12DZ51/PQ12DZ11
PQ05DZ51 series/PQ3DZ53
PQ05DZ11 series/PQ3DZ13
Dropout voltage
Output voltage
Load regulation
Ripple rejection
Line regulation
Temperature coefficient of output voltage
ON-state current for control
❇7 ON-state voltage for control
OFF-state voltage for control
OFF-state current for control
Quiescent current
Output OFF-state consumption current
Vo
RegL
RegI
TcVo
RR
Vi-o
Vc(ON)
Vc(OFF)
Iq
Iqs
Ic(ON)
Ic(OFF)
Io=5mA to 0.5A, ❇4
Io=5mA to 1.0A, ❇4
❇5, Io=5mA
Tj=0 to 125˚C, Io=5mA, ❇4
❇6, Io=0.3A
❇6, Io=0.5A
Vc=0.4V, Io=0A, ❇4
VC=0.4V, Io=0A, ❇4
Refer to Fig.2
❇4
Io=0A, ❇4
❇4
❇4
Io=0A, ❇4
V
ei
VIN
Io
eo
RL
0.33
µF
47
µF
+
+
f=120Hz(sine wave)
ei(rms)=0.5V
VIN=5V(PQ3DZ53/13)
7V(PQ05DZ51/11)
11V(PQ09DZ51/11)
14V(PQ12DZ51/11)
Io=0.3A
RR=20 log(ei(rms)/eo(rms))
2.7V
5
2
3
1
A
V
A
A
VIN
Iq
Ic
Io
Vo
Vc
RL
0.33
µF
47
µF
+
1
3
2
5
0
–20 0
PD
PD:With infinite heat sink
80
50
100
150
5
10
8
Ambient temperature Ta (˚C)
Output current Io (A)
0
0.5
1.5
2.0
1.0
1
2
3
4
7
8
9
5
6
10
11
12
Vi-O=10V
Vi-O=2V
Vi-O=1V
Vi-O=0.5V
Vi-O=5V
Vi-O=3V
Note) Oblique line portion : Overheat protection may operate in this area.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn