Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PQ3DZ53 Datasheet(PDF) 1 Page - Sharp Electrionic Components

Part No. PQ3DZ53
Description  0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

PQ3DZ53 Datasheet(HTML) 1 Page - Sharp Electrionic Components

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Low Power-Loss Voltage Regulators
PQ05DZ51/11 Series / PQ3DZ53/13
s Features
q
Low power-loss
(Dropout voltage : MAX. 0.5V)
q
Surface mount package (equivalent to SC-63)
q
Available 3.3V, 5V, 9V, 12V output type
q
Output current (0.5A : PQ05DZ51 series/PQ3DZ53)
(1.0A : PQ05DZ11 series/PQ3DZ13)
q
Output voltage precision : ±3.0%
q
Built-in ON/OFF control function
q
Low dissipation current at OFF-state (Iqs : MAX. 5µA)
q
Built-in overcurrent protection, overheat protection
function, ASO protection function
q
Available tape-packaged products
(ø330mm reel : 3 000 pcs., PQ05DZ5U/1U series,
PQ3DZ53U/13U)
s Applications
q
Personal computers
q
CD-ROM drives
q
Power supplies for various OA equipment
s Model Line-ups
s Outline Dimensions
(Unit : mm)
0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
• Please refer to the chapter " Handling Precautions ".
PQ05DZ51/11 Series / PQ3DZ53/13
s Absolute Maximum Ratings
Parameter
Symbol
Rating
❇1 All are open except GND and applicable terminals.
❇2 PD : With infinite heat sink
❇3 Overheat protection may operate at 125<=Tj<=150˚C
Unit
(Ta=25˚C)
❇1
❇1
❇3
❇2
Output current
Input voltage
ON/OFF control terminal voltage
Power dissipation
Junction temperature
Operating temperature
Storage temperature
Soldering temperature
VIN
Vc
Io
PD
Tj
Topr
Tstg
Tsol
PQ05DZ51 series
PQ3DZ53
PQ05DZ11 series
PQ3DZ13
24
24
8
150
-20 to + 80
-40 to +150
260 (for 10s)
0.5
1.0
V
V
A
W
˚C
˚C
˚C
˚C
05DZ11
0.5
±0.20.1
Epoxy resin
0.5
0.5
5.2 0.5
2.3 0.5
4
1.27
6.6 MAX.
±
±
()
()
()
3
1
1
3
1
2
3
3
4
5
5
2
2
3
4
5
Internal connection diagram
NC
GND
DC input(VIN)
DC output(Vo)
ON/OFF control terminal(Vc)
Heat sink is common to terminal
(Vo)
Specific IC
5.0V output
9.0V output
12.0V output
3.3V output
0.5A output
1.0A output
PQ3DZ53
PQ3DZ13
PQ05DZ11
PQ09DZ11
PQ12DZ11
PQ05DZ51
PQ09DZ51
PQ12DZ51
Notice
In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet Internet address for Electronic Components Group http://sharp-world.com/ecg/


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn