Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N2576G-5 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. N2576G-5
Description  52 KHz 3A Step-Down Switching Voltage Regulator (SVR)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

N2576G-5 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  N2576G-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers N2576G-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers N2576G-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers N2576G-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers N2576G-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
52 KHz 3A Step-Down
Switching Voltage Regulator (SVR)
N2576G-5
TO-220, TO263
Lead-Free
MAY-21-2004
NIKO-SEM
TO-263 (D
2PAK, 5-Lead) MECHANICAL DATA
mm
mm
Dimension
Min.
Typ.
Max.
Dimension
Min.
Typ.
Max.
A
14.5
15
15.8
H
1.0
1.5
1.8
B
4.2
4.7
I
9.8
10.3
C
1.20
1.35
J
6.5
D
2.8
K
1.5
E
0.3
0.4
0.5
L
0.7
0.85
1.0
F
-0.102
0.203
M
1.57
1.7
1.83
G
8.5
9
9.5
N


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
N2576G 52 KHz 3A Step-Down Switching Voltage Regulator SVR 1  2  3  4  5  List of Unclassifed Manufacturers
N2576G-3.3 52 KHz 3A Step-Down Switching Voltage Regulator SVR 1  2  3  4  5  List of Unclassifed Manufacturers
LM5010A High Voltage 1A Step Down Switching Regulator 1  2  3  4  5  More National Semiconductor (TI)
LM2576 Easy Switcher 3.0A Step-Down Voltage Regulator 1  2  3  4  5  More Motorola, Inc
NCV51411 1.5 A 260 kHz Low Voltage Buck Regulator with Synchronization Capability 1  2  3  4  5  More ON Semiconductor
PT78ST100 1.5 Amp Positive Step-Down Integrated Switching Regulator 1  2  3  4  Texas Instruments
NCV4299 150 mA Low−Dropout Voltage Regulator 1  2  3  4  5  More ON Semiconductor
LM79LXX 100mA Negative Voltage Regulator 1  2  3  4  List of Unclassifed Manufacturers
GM7130 3A STEP-DOWN VOLTAGE REGULATORS 1  2  3  4  5  More List of Unclassifed Manufacturers
CS2001 1.2 A Switching Regulator and 5.0 V 100 mA Linear Regulator with RESET 1  2  3  4  5  More ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn