Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N2576G-5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. N2576G-5
Description  52 KHz 3A Step-Down Switching Voltage Regulator (SVR)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

N2576G-5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  N2576G-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers N2576G-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers N2576G-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers N2576G-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers N2576G-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
52 KHz 3A Step-Down
Switching Voltage Regulator (SVR)
N2576G-5
TO-220, TO263
Lead-Free
MAY-21-2004
NIKO-SEM
ABSOLUTE MAXIMUM RATINGS
Maximum Supply Voltage
30V
ON/OFF Pin Input Voltage
-0.3
≤V≤+V
I
Thermal Resistance
Junction to Ambient,
θ
JA
TO-220
TO-263
50°C/W
60°C/W
Output Voltage to Ground
(Stead State)
-1V
Operating Junction
Temperature Range
-40 to 125°C
Power Dissipation
Internally
Limited
Storage Temperature
Range
-65 to 150°C
Thermal Resistance
Junction to Case,
θ
JC
2.0°C/W
Lead Temperature
(Soldering, 10 Seconds)
260°C
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, TA = 25°C.)
Parameter
Symbol
Test Conditions
Typical
Limits
Output Voltage
VOUT
VIN = 12V
ILOAD = 0.5A
5V
4.9VMin
5.1VMax
Output Voltage
VOUT
8V
≤ V
IN ≤ 27V
0.5A
≤ I
LOAD ≤ 3A
5V
4.8VMin
5.2VMax
Efficiency
η
VIN = 12V, VOUT = 3.3V
IOUT = 3A
77%
Oscillator
Frequency
FOSC
52 KHz
47 KHz (Min)
58 KHz (Max)
Saturation Voltage
VSAT
IOUT = 3A
1.4V
1.8VMax
Current Limit
ICL
6.0A
4.0A ~ 7.0A
VIH
VOUT = 0V
1.4V
2.2V (Min)
ON/OFF Pin Logic
Input Level
VIL
VOUT = Nominal Output Voltage
1.2V
1.0V (Max)
IIH
ON/OFF Pin = 5V (OFF)
12
µA
30
µA (Max)
ON/OFF Pin Logic
Input Current
IIL
ON/OFF Pin = 0V (ON)
0
µA
10
µA (Max)
REMARK: Orders for parts with Lead-Free plating can be placed using the N2576XG-5 parts name.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
N2576G 52 KHz 3A Step-Down Switching Voltage Regulator SVR 1  2  3  4  5  List of Unclassifed Manufacturers
N2576G-3.3 52 KHz 3A Step-Down Switching Voltage Regulator SVR 1  2  3  4  5  List of Unclassifed Manufacturers
LM5010A High Voltage 1A Step Down Switching Regulator 1  2  3  4  5  More National Semiconductor (TI)
LM2576 Easy Switcher 3.0A Step-Down Voltage Regulator 1  2  3  4  5  More Motorola, Inc
NCV51411 1.5 A 260 kHz Low Voltage Buck Regulator with Synchronization Capability 1  2  3  4  5  More ON Semiconductor
PT78ST100 1.5 Amp Positive Step-Down Integrated Switching Regulator 1  2  3  4  Texas Instruments
NCV4299 150 mA Low−Dropout Voltage Regulator 1  2  3  4  5  More ON Semiconductor
LM79LXX 100mA Negative Voltage Regulator 1  2  3  4  List of Unclassifed Manufacturers
GM7130 3A STEP-DOWN VOLTAGE REGULATORS 1  2  3  4  5  More List of Unclassifed Manufacturers
CS2001 1.2 A Switching Regulator and 5.0 V 100 mA Linear Regulator with RESET 1  2  3  4  5  More ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn