Electronic Components Datasheet Search
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Vietnamese
Delete All
ON
OFF
ALLDATASHEET.COM
Part No.
Description
Marking
X
Match&Start
Match
Start with
End
Included
All Manufacturers
Preview
PDF
Download
HTML
N2576G-3.3 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers
Part No.
N2576G-3.3
Description
52
KHz
3A
Step-Down
Switching
Voltage
Regulator
(SVR)
Download
5 Pages
Scroll/Zoom
100%
Maker
ETC1 [List of Unclassifed Manufacturers]
Homepage
Logo
N2576G-3.3 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers
zoom in
zoom out
5
/ 5 page
5
52 KHz 3A Step-Down
Switching Voltage Regulator (SVR)
N2576G-3.3
TO-220, TO263
Lead-Free
Feb-02-2005
NIKO-SEM
TO-263 (D
2
PAK, 5-Lead) MECHANICAL DATA
mm
mm
Dimension
Min.
Typ.
Max.
Dimension
Min.
Typ.
Max.
A
14.5
15
15.8
H
1.0
1.5
1.8
B
4.2
4.7
I
9.8
10.3
C
1.20
1.35
J
6.5
D
2.8
K
1.5
E
0.3
0.4
0.5
L
0.7
0.85
1.0
F
-0.102
0.203
M
1.57
1.7
1.83
G
8.5
9
9.5
N
Html Pages
1
2
3
4
5
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
N2576G
52
KHz
3A
Step-Down
Switching
Voltage
Regulator
SVR
1
2
3
4
5
List of Unclassifed Manufacturers
LM5010A
High
Voltage
1A
Step
Down
Switching
Regulator
1
2
3
4
5
More
National Semiconductor (TI)
LM2576
Easy
Switcher
3.0A
Step-Down
Voltage
Regulator
1
2
3
4
5
More
Motorola, Inc
NCV51411
1.5
A
260
kHz
Low
Voltage
Buck
Regulator
with
Synchronization
Capability
1
2
3
4
5
More
ON Semiconductor
PT78ST100
1.5
Amp
Positive
Step-Down
Integrated
Switching
Regulator
1
2
3
4
Texas Instruments
LM79LXX
100mA
Negative
Voltage
Regulator
1
2
3
4
List of Unclassifed Manufacturers
GM7130
3A
STEP-DOWN
VOLTAGE
REGULATORS
1
2
3
4
5
More
List of Unclassifed Manufacturers
CS2001
1.2
A
Switching
Regulator
and
5.0
V
100
mA
Linear
Regulator
with
RESET
1
2
3
4
5
More
ON Semiconductor
XC6215
0.8uA
Low
Power
Consumption
Voltage
Regulator
with
ON/OFF
Switch
1
2
3
4
5
More
Torex Semiconductor
NCP400
150
mA
CMOS
Low
Iq
Low-Dropout
Voltage
Regulator
with
Voltage
Detector
Output
1
2
3
4
5
More
ON Semiconductor
Link URL
English
中国语
한국어
français
español
日本語
Deutsch
italiano
русский
polski
português
Tiếng việt
Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Alldatasheet API
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
Mirror Sites
English :
Alldatasheet.com
| English :
Alldatasheet.net
| Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
Russian :
Alldatasheetru.com
| Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl
| Vietnamese :
Alldatasheet.vn