Electronic Components Datasheet Search
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Vietnamese
Delete All
ON
OFF
ALLDATASHEET.COM
Part No.
Description
Marking
X
Match&Start
Match
Start with
End
Included
All Manufacturers
Preview
PDF
Download
HTML
N2576G Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers
Part No.
N2576G
Description
52
KHz
3A
Step-Down
Switching
Voltage
Regulator
(SVR)
Download
5 Pages
Scroll/Zoom
100%
Maker
ETC1 [List of Unclassifed Manufacturers]
Homepage
Logo
N2576G Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers
zoom in
zoom out
3
/ 5 page
3
52 KHz 3A Step-Down
Switching Voltage Regulator (SVR)
N2576G
TO-263, TO220
MAY-03-2004
NIKO-SEM
PIN CONFIGURATIONS
5 - On/Off
4 - Feedback
3 - Ground
1 - Vin
2 - Output
2 - Output
1 - Vin
3 - Ground
4 - Feedback
5 - On/Off
5 -LEAD TO-220 (T)
5 -LEAD TO-263 (S)
Html Pages
1
2
3
4
5
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
LM5010A
High
Voltage
1A
Step
Down
Switching
Regulator
1
2
3
4
5
More
National Semiconductor (TI)
LM2576
Easy
Switcher
3.0A
Step-Down
Voltage
Regulator
1
2
3
4
5
More
Motorola, Inc
NCV51411
1.5
A
260
kHz
Low
Voltage
Buck
Regulator
with
Synchronization
Capability
1
2
3
4
5
More
ON Semiconductor
PT78ST100
1.5
Amp
Positive
Step-Down
Integrated
Switching
Regulator
1
2
3
4
Texas Instruments
CS2001
1.2
A
Switching
Regulator
and
5.0
V
100
mA
Linear
Regulator
with
RESET
1
2
3
4
5
More
ON Semiconductor
XC6215
0.8uA
Low
Power
Consumption
Voltage
Regulator
with
ON/OFF
Switch
1
2
3
4
5
More
Torex Semiconductor
NCP400
150
mA
CMOS
Low
Iq
Low-Dropout
Voltage
Regulator
with
Voltage
Detector
Output
1
2
3
4
5
More
ON Semiconductor
LT1054L
Switched-Capacitor
Voltage
Converter
with
Regulator
1
2
3
4
5
More
Linear Technology
NCV8842
1.5
A
170
kHz
Buck
Regulator
with
Synchronization
Capability
1
2
3
4
5
More
ON Semiconductor
NCP662
100
mA
CMOS
Low
Iq
Low-Dropout
Voltage
Regulator
1
2
3
4
5
More
ON Semiconductor
Link URL
English
中国语
한국어
français
español
日本語
Deutsch
italiano
русский
polski
português
Tiếng việt
Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Alldatasheet API
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
Mirror Sites
English :
Alldatasheet.com
| English :
Alldatasheet.net
| Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
Russian :
Alldatasheetru.com
| Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl
| Vietnamese :
Alldatasheet.vn