Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MN3611RE Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. MN3611RE
Description  Color CCD Linear Image Sensor with 720 Pixels each for R, G, and B Colors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

MN3611RE Datasheet(HTML) 2 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CCD Linear Image Sensor
MN3611RE
V
V
V
˚C
˚C
– 0.3 to +15
– 0.3 to +15
– 0.3 to +15
–2 5 to + 60
–4 0 to +100
Parameter
Symbol
Rating
Unit
Power supply voltage
Input voltage
Output voltage
Operating temperature range
Storage temperature range
V
V
V
T
T
DD
I
O
opr
stg
Parameter
Symbol
Condition
min
typ
max
Unit
Power supply voltage
CCD shift register clock High level
CCD shift register clock Low level
Shift gate clock High level
Shift gate clock Low level
Reset gate clock High level
Reset gate clock Low level
VDD
Vø H
Vø L
VSH
VSL
VRH
VRL
11.4
4.5
0
4.5
0
4.5
0
12.0
5.0
0.2
5.0
0.2
5.0
0.2
13.0
5.5
0.5
5.5
0.5
5.5
0.5
V
V
V
V
V
V
V
Parameter
Symbol
Condition
min
typ
max
Unit
Shift register clock frequency
Reset clock frequency (=data rate)
Shift register clock rise time
Shift regisster clock fall time
Shift clock (øSG) rise time
Shift clock (øSG) fall time
Shift clock set up time
Shift clock pulse width
Shift clock hold time
Reset clock rise time
Reset clock fall time
Reset clock pulse width
Reset clock hold time
See drive timing diagram. fR=1/T
See drive timing diagram. fC=1/2T
fC
t
R
Cr
Cf
Sr
Sf
Ss
Sw
Sh
Rr
Rf
Rw
Rh
f
t
t
t
t
t
t
t
t
t
t
0
0
0
0
0
200
0
0
0
60
100
0.5
1.0
60
60
50
50
100
1000
100
15
15
250
125
MHz
MHz
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
1.0
2.0
100
100
100
100
30
30
See input/output timing diagram.
See drive timing diagram.
See input/output timing diagram.
See drive timing diagram.
See input/output timing diagram.
See drive timing diagram.
Parameter
Symbol
Condition
min
typ
max
Unit
Shift register clock input capacitance
Reset clock input capacitance
Shift clock input capacitance
Cø1
C
C
freg =1MHz
350
15
130
pF
pF
pF
,Cø2
400
30
200
freg =1MHz
freg =1MHz
øR
øSG
Parameter
Symbol
Condition
min
typ
max
Unit
Power supply current
IDD
VDD =+12V
8
mA
15
s Absolute Maximum Ratings (Ta=25˚C, VSS=0V)
s Operating Conditions
Voltage conditions (Ta=–25 to +60˚C, VSS=0V)
Timing conditions (Ta=–25 to +60˚C)
s Electrical Characteristics
Clock input capacitance (Ta=–25 to +60˚C)
DC characteristics


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn