Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MN3611RE Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. MN3611RE
Description  Color CCD Linear Image Sensor with 720 Pixels each for R, G, and B Colors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

MN3611RE Datasheet(HTML) 1 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CCD Linear Image Sensor
MN3611RE
Color CCD Linear Image Sensor
with 720 Pixels each for R, G, and B Colors
1
2160
1
2
3
4
5
6
7
8
9
10
11
22
21
20
19
18
17
16
15
14
13
12
OS
DS
V
ø
NC
ø
NC
NC
NC
NC
NC
DD
R
1
V
ø
NC
ø
NC
NC
NC
NC
NC
NC
NC
SS
2
SG
(Top View)
C20
WDIP022-G-0470
B1 to B52 : Black reference pixels
D1 to D6 : Dummy invalid pixels
øø
øø
22
21
19
12
3
46
1
2
2
2
2
2222
2
2
2
2
2
2
2
2
2
2
2
2
222
22
2 2
2
1
1
1
1
1111
11
11
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
VSS
SG
2
R
VDD
DS
OS
1
Compensation
output
amplifier
Signal
output
amplifier
Clock
driver
s Overview
The MN3611RE is a high responsivity CCD color linear image
sensor having low dark output floating photodiodes in the
photodetector region, CCD analog shift registers for read out, and 720
pixels each for the primary colors R, G, and B.
It can read a B6 size color document with a high quality and a
resolution of 170dpi.
s Features
2160 (720
× R.G.B) floating photodiodes and an n-channel buried
type CCD shift registers are built in a single chip.
It is possible to read a B6 size color document with a high quality
and a resolution of 170dpi.
RGB primary colors type on chip color filters are used for color
separation.
Very high responsivity is obtained because voltage amplifier
circuits are built in the chip.
Use of photodiodes with a new structure has made the dark output
voltage very low.
Large signal output of typically 2V at saturation can be obtained.
s Pin Assignments
s Application
Reading out color images in a color scanner.
s Block Diagram


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn