Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MN3611RE Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part No. MN3611RE
Description  Color CCD Linear Image Sensor with 720 Pixels each for R, G, and B Colors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN3611RE Datasheet(HTML) 5 Page - Panasonic Semiconductor

  MN3611RE Datasheet HTML 1Page - Panasonic Semiconductor MN3611RE Datasheet HTML 2Page - Panasonic Semiconductor MN3611RE Datasheet HTML 3Page - Panasonic Semiconductor MN3611RE Datasheet HTML 4Page - Panasonic Semiconductor MN3611RE Datasheet HTML 5Page - Panasonic Semiconductor MN3611RE Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MN3611RE
CCD Linear Image Sensor
ø
ø
ø
ø
ø
90%
10%
90%
tSh
tSW
tSs
1
SG
tSr
tSf
tCr
tCf
90%
10%
90%
10%
50%
10%
90%
50%
tRS
tRh
tRW
tRf
tRr
tOS
90%
1
OS
DS
2
R
T
Reference level
Signal output voltage
Blank feed
(for 8 pixels)
Black reference
pixel signal
(for 52 pixels)
Invalid pixel signal
(for 3 pixels)
Valid pixel signal
(for 2160 pixels)
Invalid pixel signal
(for 3 pixels)
Note) Repeat the transfer
pulses (cp) for
more than 1114
periods.
ø
DS
OS
SG
ø
1
ø
2
ø
R
Integration Time (Tint.)
1
2 3 4
6 7 8 9 10 11 58 59 60 61 62 63 64 65 66
2222 2224 2226
2223 2225
1 2 3 4
6 7 8 B
1 B2
B
50 B51 B52
D
1 D2 D3
R G B
2159
2160D
4 D5 D6
1
1
1
s Construction of the Image Sensor
The MN3611RE can be made up of the three sections of—a)
photo detector region, b) CCD transfer region (shift register),
and c) output region.
a) Photo detector region
The photoelectric conversion device consists of an 11µm
floating photodiode and a 3µm channel stopper for each
pixel, and 2160 of these devices are linearly arranged side by
side at a pitch of 14µm.
The photo detector's windows are 14µm
× 14µm squares and
light incident on areas other than these windows is optically
shut out.
The photo detector is provided with 52 optically shielded
pixels (black dummy pixels) which serve as the black
reference.
b) CCD Transfer region (shift register)
The light output that has been photoelectrically converted is
s Timing Diagram
(1) I/O timing
(2) Drive timing
transferred to the CCD transfer for each odd and even pixel at
the timing of the shift clock (øSG). The optical signal electric
charge transferred to this analog shift register is successively
transferred out and guided to the output region.
A buried type CCD that can be driven by a two phase clock
1, ø2) is used for the analog shift register.
c) Output region
The signal charge that is transferred to the output region is
sent to the detector where impedance transformation is done
using two source follower stages.
The DC level component and the clock noise component not
containing optical signals are output from the DS pin.
By carrying out differential amplification of the two outputs
OS and DS externally, it is possible to obtain an output signal
with a high S/N ratio by reducing the clock noise, etc.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn