Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MN3611RE Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part No. MN3611RE
Description  Color CCD Linear Image Sensor with 720 Pixels each for R, G, and B Colors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

MN3611RE Datasheet(HTML) 3 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PRNU=
x
Xave
×100 (%)
s Optical Characteristics
<Inspection conditions>
Ta=25˚C, VDD=12V, VøH=VSH=VRH=5V (pulse), fC=0.5MHz, fR=1MHz, Tint (accumulation time)=10ms
Light source: Daylight type fluorescent lamp with IR/UV cutting filter
Optical system: A slit with an aperture dimensions of 20mm
× 20mm is used at a distance of 200mm from the sensor (equivalent
to F=10).
Load resistance = 100k Ohms
These specifications apply to the 2160 valid pixels excluding the dummy pixels D1 to D6.
Note 1) The photo response non-uniformity (PRNU) for each color is defined by the following equation, where Xave is the average
output voltage of the 720 valid pixels and
∆x is the absolute value of the difference between X
ave and the voltage of the
maximum (or minimum) output pixel, when the surface of the photo-sites is illuminated with light having a uniform
distribution over the entire surface.
The incident light intensity shall be 50% of the standard saturation light intensity.
Note 2) The odd/even bit non-uniformity (O/E) for each color is defined by the following equation, where Xave is the average
output voltage of the 720 valid pixels for each color and Xn is the output voltage of the ‘n’th pixel for each color, when the
surface of the photo-sites is illuminated with light having a uniform distribution over the entire surface.
The incident light intensity shall be 50% of the standard saturation light intensity.
Note 3) The Saturation output voltage (VSAT) is defined as the output voltage at the point when the linearity of the photoelectric
characteristics cannot be maintained as the incident light intensity is increased. [The light intensity of exposure at this
point is called the saturation exposure (SE).]
Note 4) The dark signal output voltage (VDRK) is defined as the average output voltage of the 2160 pixels in the dark condition at
Ta=25˚C and Tint=10ms. Normally, the dark output voltage doubles for every 8 to 10˚C rise in Ta, and is proportional to
Tint.
The dark signal output non-uniformity (DSNU) is defined as the difference between the maximum output voltage among
all the valid pixels and VDRK in the dark condition at Ta=25˚C and Tint=10ms.
MN3611RE
CCD Linear Image Sensor
Parameter
Symbol
Condition
min
typ
max
Unit
Signal output delay time
tos
100
ns
AC characteristics
O/E=
∑ | Xn–Xn+1 |
719
× X
ave
×100 (%)
n=1
719
V/lx· s
%
%
V
lx·s
mV
mV
%
k
V
V
mV
–V
|
|
Responsivity
Photo response non-uniformity
Odd/even bit non-uniformity
Saturation output voltage
Saturation exposure
Dark signal output voltage
Dark signal output non-uniformity
Shift register total transfer efficiency
Output impedance
Dynamic range
Signal output pin DC level
Compensation output pin DC level
Signal and compensation output pin DC level difference
PRNU
SAT
DRK
O
OS
DS
R
O/E
V
SE
V
DSNU
STTE
Z
DR
V
V
4.5
10.0
6.5
1.5
92
3.5
3.5
7.2
13.5
9.6
2.0
0.13
0.8
0.2
99
2,500
4.5
4.5
50
9.9
17.0
12.7
15
3
2.0
3.0
1
6.0
6.0
100
OS
V
DS
red
green
blue
R
R
G
R
B
Parameter
Symbol
Condition
min
typ
max
Unit
Note 1
Note 2
Note 3
Note 3
Note 4
Note 4
Note 5
Note 5
Note 6
Note 6
DSNU
VDRK


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn