Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTB24-400BWPT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CTB24-400BWPT
Description  24Amp - 400/600/800/1000V - TRIAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CTB24-400BWPT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CTB24-400BWPT Datasheet HTML 1Page - List of Unclassifed Manufacturers CTB24-400BWPT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
G
A2
A1
TO-220AB Isolated
(CTA24)
TO-220AB Non-Isolated
(CTB24)
G
A2
A2
A1
G
A2
A1
GENERAL NOTES
1. Minimum IGT is guaranted at 5% of IGT max.
2. For both polarities of A2 referenced to A1
3. All parameters at 25 degrees C unless otherwise specified.
4. Commutating dv/dt=50V.µsec (exponential to 200Vpk)
Absolute Maximum Ratings
CONDITIONS
SYMBOL
RATING
RMS On-State Current (full sine wave)
Tc = 100˚C
TO-220AB
IT(RMS)
25A
Tc = 75˚C
TO-220AB Iso
Non Repetitive Surge Peak On-State Current
F =50 Hz
250A
(Full Cycle, Tj Initial = 25˚C)
F =60 Hz
I
TSM
260A
I2t Value for fusing
tp = 10 ms
I2t
340A2s
Critical rate of rise of on-state current
IG=2 x IGT, tr<100 ns, Tj = 125˚C
F =120 Hz
di/dt
100A/µs
Peak Gate Current @ Tj = 125˚C
tp = 20 µs
IGM
4A
Average Gate Power Dissipation @ Tj = 125˚CPG(AV)
1W
Storage Temperature Range
Tstg
-40 to +150˚C
Operating Junction Temperature Range
Tj
-40 to +125˚C
Isolation Voltage (CTA Series only)
VISO
2500 VRMS
Electrical Characteristics
ALTERNISTOR/NO SNUBBER AND LOGIC LEVEL (3 Quadrants)
CW
BW
IGT MAX @ VD =12 V, RL = 30Ω NOTE 1
QI-II-III
35mA
50mA
VGT MAX @ VD =12 V, RL = 30Ω
QI-II-III
1.3V
1.3V
VGD MIN @ VD =VDRM, RL = 3.3kΩ
Tj = 125˚C
QI-II-III
0.2V
0.2V
IH MAX @ IT = 500 mA NOTE 2
50mA
75mA
IL MAX @ IG = 1.2 IGT
QI-III
50mA
70mA
IL MAX @ IG = 1.2 IGT
Q-II
80mA
100mA
dv/dt MIN @ VD = 67%VDRM (gate open) NOTE 2
Tj = 125˚C
500V/µs
1000V/µs
(di/dt)c MIN without Snubber NOTE 2 & 4
Tj = 125˚C
13A/ms
22A/ms
STANDARD (4 Quadrants)
B
IGT MAX @ VD =12 V, RL = 30Ω NOTE 1
QI-II-III
50mA
IGT MAX @ VD =12 V, RL = 30Ω NOTE 1
QIV
100mA
VGT MAX @ VD =12 V, RL = 30Ω
Q-All
1.3V
VGD MIN @ VD =VDRM, RL = 3.3kΩ
Tj = 125˚C
Q-All
0.2V
IH MAX @ IT = 500 mA NOTE 2
80mA
IL MAX @ IG = 1.2 IGT
QI-III-IV
70mA
IL MAX @ IG = 1.2 IGT
Q-II
160mA
dv/dt MIN @ VD = 67%VDRM (gate open) NOTE 2
Tj = 125˚C
500V/µs
(dv/dt)c MIN @ (di/dt)c = 13.3 A/ms NOTE 2
Tj = 125˚C
10V/µs
# Suitable for General Purpose AC Switching
# Altgernistor/No Snubber Versions for
Inductive Loads
# Logic Level Available for Use with
Microcontrollers and Low Level Devices
# IGT Range 35-50 mA (Q1)
# VDRM/VRMM 400, 600, 800, 1000V
Applications
• Phase Control
• Static Switching
• Light Dimming
• Motor Speed Control
• Kitchen Equipment
• Power Tools
• Solenoid Valve Controls:
- Dishwashers
- Washing Machines
CTA/CTB 24
24Amp - 400/600/800/1000V - TRIAC
ISO
9001 CERTIFIED
Competitive part number cross-reference available at:
www.cynergy3.com


Similar Part No. - CTB24-400BWPT

ManufacturerPart #DatasheetDescription
logo
3M Electronics
CTB2X1BGA-C 3M-CTB2X1BGA-C Datasheet
113Kb / 5P
   3M??Cable Ties
More results

Similar Description - CTB24-400BWPT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTA08 ETC1-CTA08 Datasheet
206Kb / 2P
   8Amp - 400/600/800/1000V - TRIAC
CTA06 ETC1-CTA06 Datasheet
208Kb / 2P
   6Amp - 400/600/800/1000V - TRIAC
CTA16 ETC1-CTA16 Datasheet
209Kb / 2P
   16Amp - 400/600/800/1000V - TRIAC
CYNA25 ETC1-CYNA25 Datasheet
199Kb / 2P
   25Amp - 400/600/800/1000V - SCR
CYNB55 ETC1-CYNB55 Datasheet
223Kb / 2P
   55Amp - 400/600/800/1000V - SCR
CYNB40 ETC1-CYNB40 Datasheet
70Kb / 2P
   40Amp - 400/600/800/1000V - SCR
CTA30 ETC1-CTA30 Datasheet
830Kb / 2P
   400/600/800V - TRIAC
CRNA20 ETC1-CRNA20 Datasheet
107Kb / 2P
   20Amp - 400/600/800/1200V - RECTIFIER
logo
Central Semiconductor C...
CQ89DS CENTRAL-CQ89DS Datasheet
97Kb / 2P
   2.0 AMP TRIAC 400 THRU 800 VOLTS
CQ89D CENTRAL-CQ89D Datasheet
93Kb / 2P
   2.0 AMP TRIAC 400 THRU 800 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com