Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBK04A24M1SB Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # FBK04A24M1SB
Description  Locked rotor protection circuits Automatically restarts in a few seconds Reverse voltage protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FBK04A24M1SB Datasheet(HTML) 4 Page - Panasonic Semiconductor

  FBK04A24M1SB Datasheet HTML 1Page - Panasonic Semiconductor FBK04A24M1SB Datasheet HTML 2Page - Panasonic Semiconductor FBK04A24M1SB Datasheet HTML 3Page - Panasonic Semiconductor FBK04A24M1SB Datasheet HTML 4Page - Panasonic Semiconductor FBK04A24M1SB Datasheet HTML 5Page - Panasonic Semiconductor FBK04A24M1SB Datasheet HTML 6Page - Panasonic Semiconductor FBK04A24M1SB Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
COMMON SPECIFICATIONS
4
Protection
Locked rotor protection circuits
Automatically restarts in a few seconds
Reverse voltage protection
Insulation Resistance
10M
Ω minimum at 500v DC (frame to leads)
Dielectric Strength
500v AC (50/60Hz) for 1 minute (frame to leads)
Plastic Rating
All Panaflo fans are manufactured with a UL94V-0 plastic (flammability)
Insulation Class
JIS Class E (120° C)
VDE Class E (90° C)
UL Class A (105° C)
CSA Class A (105° C)
Noise Data
The noise data is measured at 1 meter from the air intake side of the fan
suspended in a semi-anechoic chamber (background noise 13dB-A max.).
Construction with and without Solid Corner Housing
Panaflo fans are available in two different versions for mounting: with solid corner
housing and without. Specific mounting methods and applications require the use
of solid corners. Select the appropriate housing for your application. Some mod-
els may be available only with solid corner housing. For details, please refer to the
corresponding page for each model.
With Solid Corner
Without Solid Corner
Microphone
Microphone
Microphone
* Distance 1m.
Noise Data


Similar Part No. - FBK04A24M1SB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FBK04F05H ETC2-FBK04F05H Datasheet
270Kb / 7P
   Allowable Ambient Temperature Range
FBK04F05L ETC2-FBK04F05L Datasheet
270Kb / 7P
   Allowable Ambient Temperature Range
FBK04F12H ETC2-FBK04F12H Datasheet
270Kb / 7P
   Allowable Ambient Temperature Range
FBK04F12L ETC2-FBK04F12L Datasheet
270Kb / 7P
   Allowable Ambient Temperature Range
FBK04F12U ETC2-FBK04F12U Datasheet
270Kb / 7P
   Allowable Ambient Temperature Range
More results

Similar Description - FBK04A24M1SB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL-VNH5019-P2 STMICROELECTRONICS-EVAL-VNH5019-P2 Datasheet
88Kb / 3P
   Reverse-voltage protection
logo
Maxim Integrated Produc...
MAX14912EVKIT MAXIM-MAX14912EVKIT Datasheet
5Mb / 24P
   Reverse-Voltage Protection
Rev 0; 3/16
MAX16126 MAXIM-MAX16126 Datasheet
2Mb / 19P
   Load-Dump/Reverse-Voltage Protection Circuits
Rev 0; 11/11
MAX16126 MAXIM-MAX16126_V01 Datasheet
1Mb / 19P
   Load-Dump/Reverse-Voltage Protection Circuits
2019
MAX16128 MAXIM-MAX16128 Datasheet
1Mb / 15P
   Load-Dump/Reverse-Voltage Protection Circuits
Rev 1; 9/12
MAX16128 MAXIM-MAX16128_V01 Datasheet
877Kb / 15P
    Load-Dump/Reverse-Voltage Protection Circuits
2019
MAX14914EVKIT MAXIM-MAX14914EVKIT Datasheet
1Mb / 10P
   Reverse Supply Voltage Protection
Rev 1; 8/20
logo
Dialog Semiconductor
SLG59M1639V DIALOG-SLG59M1639V Datasheet
407Kb / 11P
   Reverse-current/voltage Protection
logo
Sangdest Microelectroni...
SK56A SMC-SK56A Datasheet
142Kb / 6P
   Reverse battery protection
SL54B SMC-SL54B Datasheet
200Kb / 6P
   Reverse battery protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com