Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LT1054L Datasheet(PDF) 4 Page - Linear Technology

Part No. LT1054L
Description  Switched-Capacitor Voltage Converter with Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LT1054L Datasheet(HTML) 4 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1054/LT1054L
1054lfe
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Shutdown Threshold
TEMPERATURE (°C)
–50
–70
15
25
35
0
50
75
LT1054 • TPC03
–25
25
100 125
VIN = 15V
VIN = 3.5V
INPUT VOLTAGE (V)
0
0
1
2
3
4
5
IL = 0
5
10
15
LT1054 • TPC02
Supply Current in Shutdown
INPUT VOLTAGE (V)
0
0
20
40
60
80
120
5
10
15
LT1054 • TPC04
100
VPIN1 = 0V
OUTPUT CURRENT (mA)
0
0
20
60
80
100
140
LT1050 • TPC05
40
120
40
100
20
60
80
INPUT CAPACITANCE (
µF)
0
0
0.2
0.6
0.8
1.0
1.4
10
50
70
LT1054 • TPC06
0.4
1.2
40
90 100
20 30
60
80
INVERTER CONFIGURATION
COUT = 100µF TANTALUM
fOSC = 25kHz
IOUT = 100mA
IOUT = 50mA
IOUT = 10mA
OSCILLATOR FREQUENCY (kHz)
1
0
1
2
10
100
LT1054 • TPC07
INVERTER CONFIGURATION
CIN = 10µF TANTALUM
COUT = 100µF TANTALUM
IOUT = 100mA
IOUT = 50mA
IOUT = 10mA
OSCILLATOR FREQUENCY (kHz)
1
0
1
2
10
100
LT1054 • TPC08
INVERTER CONFIGURATION
CIN = 100µF TANTALUM
COUT = 100µF TANTALUM
IOUT = 100mA
IOUT = 50mA
IOUT = 10mA
TEMPERATURE (˚C)
–50
0.4
0.5
0.6
25
75
LT1054 • TPC01
0.3
0.2
–25
0
50
100
125
0.1
0
VPIN1
Supply Current
Oscillator Frequency
Average Input Current
Output Voltage Loss
Output Voltage Loss
Output Voltage Loss


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn