Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LT1054L Datasheet(PDF) 2 Page - Linear Technology

Part No. LT1054L
Description  Switched-Capacitor Voltage Converter with Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo LINER - Linear Technology

LT1054L Datasheet(HTML) 2 Page - Linear Technology

  LT1054L Datasheet HTML 1Page - Linear Technology LT1054L Datasheet HTML 2Page - Linear Technology LT1054L Datasheet HTML 3Page - Linear Technology LT1054L Datasheet HTML 4Page - Linear Technology LT1054L Datasheet HTML 5Page - Linear Technology LT1054L Datasheet HTML 6Page - Linear Technology LT1054L Datasheet HTML 7Page - Linear Technology LT1054L Datasheet HTML 8Page - Linear Technology LT1054L Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1054/LT1054L
1054lfe
1
2
3
4
5
6
7
8
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO
16
15
14
13
12
11
10
9
NC
NC
FB/SHDN
CAP+
GND
CAP
NC
NC
NC
NC
V+
OSC
VREF
VOUT
NC
NC
A
G
A
U
A
R
BSOLUTEXI
TI
S
Supply Voltage (Note 2)
LT1054 ................................................................ 16V
LT1054L ................................................................ 7V
Input Voltage
Pin 1 ................................................. 0V
≤ VPIN1 ≤ V+
Pin 3 (S Package) ............................. 0V
≤ VPIN3 ≤ V+
Pin 7 ............................................. 0V
≤ VPIN7 ≤ VREF
Pin 13 (S Package) ...................... 0V
≤ VPIN13 ≤ VREF
Operating Junction Temperature Range
LT1054C/LT1054LC ............................. 0
°C to 100°C
LT1054I ........................................... – 40
°C to 100°C
Maximum Junction Temperature (Note 3)
LT1054C/LT1054LC ........................................ 125
°C
LT1054I ............................................................ 125
°C
Storage Temperature Range
J8, N8 and S8 Packages .................... –55
°C to 150°C
S Package ........................................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
PACKAGE/ORDER I FOR ATIO
TJMAX = 125°C, θJA = 120°C/W
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 150°C/W
1
2
3
4
8
7
6
5
TOP VIEW
V+
OSC
VREF
VOUT
FB/SHDN
CAP+
GND
CAP
S8 PACKAGE
8-LEAD PLASTIC SO
SEE REGULATION AND CAPACITOR SELECTION SECTIONS
IN THE APPLICATIONS INFORMATION FOR IMPORTANT
INFORMATION ON THE S8 DEVICE
(Note 6)
ORDER PART
NUMBER
LT1054CS8
LT1054LCS8
LT1054IS8
S8 PART
MARKING
1054
1054L
1054I
(Note 1)
ORDER PART
NUMBER
LT1054CSW
LT1054ISW
LT1054CN8
LT1054IN8
LT1054CJ8
LT1054MJ8
1
2
3
4
8
7
6
5
TOP VIEW
FB/SHDN
CAP +
GND
CAP
V+
OSC
VREF
VOUT
N8 PACKAGE
8-LEAD PLASTIC DIP
J8 PACKAGE
8-LEAD CERAMIC DIP
TJMAX = 125°C, θJA = 130°C/ W (N8)
OBSOLETE PACKAGE
Consider N8 Package for Alternate Source
TJMAX = 150°C, θJA = 100°C/ W (J8)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn