Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2576-3.3 Datasheet(PDF) 6 Page - Motorola, Inc

Part # LM2576-3.3
Description  Easy Switcher 3.0A Step-Down Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2576-3.3 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button LM2576-3.3 Datasheet HTML 2Page - Motorola, Inc LM2576-3.3 Datasheet HTML 3Page - Motorola, Inc LM2576-3.3 Datasheet HTML 4Page - Motorola, Inc LM2576-3.3 Datasheet HTML 5Page - Motorola, Inc LM2576-3.3 Datasheet HTML 6Page - Motorola, Inc LM2576-3.3 Datasheet HTML 7Page - Motorola, Inc LM2576-3.3 Datasheet HTML 8Page - Motorola, Inc LM2576-3.3 Datasheet HTML 9Page - Motorola, Inc LM2576-3.3 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LM2576
6
MOTOROLA ANALOG IC DEVICE DATA
2.0
2.5
3.0
4.0
TJ, JUNCTION TEMPERATURE (°C)
SWITCH CURRENT (A)
TJ, JUNCTION TEMPERATURE (°C)
Figure 8. Standby Quiescent Current
Vin, INPUT VOLTAGE (V)
Figure 9. Switch Saturation Voltage
Figure 10. Oscillator Frequency
Figure 11. Minimum Operating Voltage
Figure 12. Feedback Pin Current
Vin = 12 V
Normalized at
25
°C
TJ = 25°C
Adjustable Version Only
200
180
140
120
100
80
60
40
20
0
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
8.0
6.0
4.0
2.0
0
–2.0
–4.0
–6.0
–8.0
–10
5.0
4.5
3.5
1.5
1.0
0.5
0
40
30
25
20
15
10
5
0
0
0.5
1.0
1.5
2.0
3.0
125
100
75
50
25
0
–25
–50
125
100
75
50
25
0
–25
–50
TJ, JUNCTION TEMPERATURE (°C)
Adjustable Version Only
100
80
60
40
20
0
–20
–40
–60
–80
–100
125
100
75
50
25
0
–25
–50
160
35
2.5
–40
°C
25
°C
125
°C
Vout ' 1.23 V
ILoad = 500 mA
TYPICAL PERFORMANCE CHARACTERISTICS (Circuit of Figure 15)


Similar Part No. - LM2576-3.3

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM2576-3.3 FCI-LM2576-3.3 Datasheet
1,004Kb / 13P
   SMIPLE SWITCHER 3.0A Step-Down Voltage Regulator
logo
Micrel Semiconductor
LM2576-3.3BT MICREL-LM2576-3.3BT Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
LM2576-3.3BT MICREL-LM2576-3.3BT Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-3.3BT MICREL-LM2576-3.3BT Datasheet
58Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-3.3BT MICREL-LM2576-3.3BT Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
More results

Similar Description - LM2576-3.3

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM2576 FCI-LM2576 Datasheet
1,004Kb / 13P
   SMIPLE SWITCHER 3.0A Step-Down Voltage Regulator
logo
Texas Instruments
LMR10530 TI-LMR10530_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 5.5Vin, 3.0A Step-Down Voltage Regulator in WSON-10
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
National Semiconductor ...
LM2575EP NSC-LM2575EP Datasheet
1Mb / 26P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2574 TI1-LM2574_16 Datasheet
3Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com