Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LH1540AT Datasheet(PDF) 4 Page - Infineon Technologies AG

Part No. LH1540AT
Description  1 Form A Solid State Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

LH1540AT Datasheet(HTML) 4 Page - Infineon Technologies AG

  LH1540AT Datasheet HTML 1Page - Infineon Technologies AG LH1540AT Datasheet HTML 2Page - Infineon Technologies AG LH1540AT Datasheet HTML 3Page - Infineon Technologies AG LH1540AT Datasheet HTML 4Page - Infineon Technologies AG LH1540AT Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 2001 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
LH1540AT/AAB/AABTR
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
3–157
March 23, 2001-12
Figure 7. Switch Capacitance vs. Applied Voltage
Figure 8. Insertion Loss vs. Frequency
Figure 9. Output Isolation
0
80
60
50
0
40
30
20
10
70
20
40
APPLIED VOLTAGE (V)
60
100
80
IF=0
TA=25°C
f=1.0 MHz
FREQUENCY (Hz)
0.30
0
0.25
0.20
0.10
0.05
102
103
104
105
0.15
RL=600 Ω
FREQUENCY (Hz)
100
80
60
40
20
0
VP=10 V
RL=50 Ω
102
103
104
105
106
107
Figure 10. Leakage Current vs. Applied Voltage
Figure 11. Leakage Current vs. Applied Voltage at
Elevated Temperatures
Figure 12. Switch Breakdown Voltage vs. Temperature
90
0
50
100
150
200
250
300
350
400
LOAD VOLTAGE (V)
100
70
80
60
40
30
50
20
10
0
IF=0
TA=25°C
LOAD VOLTAGE (V)
3.0
2.5
2.0
1.0
0.5
1.5
0
0
50
100
150
200
250
300
350
400
85
°C
70
°C
50
°C
–40
–20
0
20
40
60
80
AMBIENT TEMPERATURE (
°C)
8
0
4
2
6
–2
–6
–8
–4


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
L53HD T-1 3/4 5mm SOLID STATE LAMPS 1  2  3  4  5  More Kingbright Corporation
L934SE T-1 3mm SOLID STATE LAMPS 1  2  3  Kingbright Corporation
IS216D Small Outline Photo DMOS-FET Relay with very high load current capabilities 5A 1  2  3  ISOCOM COMPONENTS
AR-B2103 Relay Card 1  List of Unclassifed Manufacturers
JM1AN COMPACT POWER RELAY FOR INDUCTIVE LOAD 1  2  3  4  Nais(Matsushita Electric Works)
MR62 DPDT Signal Relay 1  2  List of Unclassifed Manufacturers
MSA-RM-1 Replacement Relay Modules for MINI-SCREEN and MICRO-SCREEN Metal Boxes 1  List of Unclassifed Manufacturers
TLP197A TOSHIBA PHOTOCOUPLER PHOTO RELAY 1  2  3  4  5  More Toshiba Semiconductor
AQV212S GU General Use Type SOP Series [1-Channel Form A Type] 1  2  3  Nais(Matsushita Electric Works)
LH1540 HIGH VOLTAGE PHOTO MOS RELAY 1  2  List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn