Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTA16-400CW Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CTA16-400CW
Description  16Amp - 400/600/800/1000V - TRIAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CTA16-400CW Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CTA16-400CW Datasheet HTML 1Page - List of Unclassifed Manufacturers CTA16-400CW Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions
Millimeters
Inches
REF. Min.
Typ.
Max.
Min.
Typ.
Max.
A
15.24
15.75
0.6
0.62
B
3.23
0.127
C
12.78
13.79
0.503
0.543
D
9.96
10.36
0.392
0.408
E
0.69
0.94
0.027
0.037
F
1.22
1.32
0.048
0.052
G
4.62
4.83
0.182
0.19
H
0.46
0.61
0.018
0.024
I
2.49
2.84
0.098
0.112
J
2.39
2.69
0.094
0.106
K
6.48
6.88
0.255
0.271
L
3.78
3.89
0.149
0.153
M
15.49
16
16.51
0.61
0.63
0.65
N
2.59
2.9
0.102
0.114
O
0.99
1.55
0.039
0.061
P
0.99
1.55
0.039
0.061
Q
2.67
0.105
Weight: 2.3g (0.08 oz)
Q
D
M
G
F
C
O
I
P
E
B
A
K
N
L
J
H
Static Characteristics
VT MAX @ ITM = 22.5 A, tp = 380µs NOTE 2
Tj = 25˚C
1.55V
Vto MAX @ Threshold Voltage NOTE 2
Tj = 125˚C
0.85V
Rd MAX @ Dynamic Resistance NOTE 2
Tj = 125˚C
25mΩ
IDRM MAX @ VDRM = VRRM
Tj = 25˚C
5µA
IRRM MAX @ VDRM = VRRM
Tj = 125˚C
2mA
Thermal Resistances
SYMBOL
RATING
Junction to Case (AC)
TO-220AB
Rth(j-c)
1.2˚C/W
Junction to Case (AC)
TO-220AB Isolated
Rth(j-c)
2.1˚C/W
Junction to Ambient
TO-220AB
Rth(j-a)
60˚C/W
Junction to Ambient
TO-220AB Isolated
Rth(j-a)
60˚C/W
SERIES
Isolation Type
A: Isolated
B: Non-Isolated
Rated Current
16: 16 Amp
Packaging
Blank: Bulk
PT: Plastic Tube
Maximum
Blocking Voltage
400: 400Vpk
600: 600Vpk
800: 800Vpk
1000: 1000Vpk
Type
B: Standard (IGT=50mA)
BW: Alternistor/No Snubber (IGT=50mA)
C: Standard (IGT=25mA)
CW: Alternistor/No Snubber (IGT=35mA)
SW: Logic Level (IGT=10mA)
CT
CW
16
0
2
4
6
8
10
12
14
16
18
20
02468
10
12
14
16
18
IT(RMS) [A]
Fig. 1: Power dissipation versus RMS on-state current (full cycle).
18
16
14
12
10
8
6
4
2
0
80
90
100
110
120
130
TC [˚C]
Fig. 2: RMS on-state current versus
case temperature (full cycle)
V
TM [V]
Fig. 3: On-state current versus
on-state voltage (instantaneous values)
160
100
10
80
120
60
50
40
30
20
250
1
10
100
1000
Number of Cycles
Fig. 4: Non-repetitive surge peak on-state
current versus number of cycles.
Isolated
Non-Isolated
Non-Repetitive
Tj initial = 25˚C
1.0
10.0
100.0
1000.0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Part Number Selection
Part Number
Voltage [Vpk]
IGT [mA]
Type
Package
CTA/CTB16-xxxB
400, 600, 800, 1000
50mA
Standard
TO-220AB
CTA/CTB16-xxxBW
400, 600, 800, 1000
50mA
Alternistor/No Snubber
TO-220AB
CTA/CTB16-xxxC
400, 600, 800, 1000
25mA
Standard
TO-220AB
CTA/CTB16-xxxCW
400, 600, 800, 1000
35mA
Alternistor/No Snubber
TO-220AB
CTA/CTB16-xxxSW
400, 600, 800, 1000
10mA
Logic Level
TO-220AB
Part Number Designation
CTA/CTB 16
16Amp - 400/600/800/1000V - TRIAC
USA
Sales & Tech Support (866) 258-5057
Email: sales@cynergy3.com
Cynergy3 Components
2320 Paseo de las Americas, Suite 104
San Diego, CA 92154
EUROPE - UK
Telephone +44 (0) 1202 897969
Fax +44 (0) 1202 891918
Email: sales@cynergy3.com
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
ASIA - Thailand
Telephone +66 (0)2 665 2517
Fax +66 (0)2 665 2588
Cynergy 3 Components, Asia
18/8 Fico Place 12th Floor
Soi Sukhumvit 21 (Asoke)
Klongtoey Nua, Wattana
Bangkok, Thailand 10110
ISO
9001 CERTIFIED
TM
Approvals
UL Recognized Component - E72445 (CTA Series)
© 2006 Cynergy3 components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 components and the Cynergy3 components logo are trademarks of Cynergy3 components Corp.


Similar Part No. - CTA16-400CW

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
CTA16 CIT-CTA16 Datasheet
176Kb / 2P
   CIT SWITCH
CTA161CC12VDC.64 CIT-CTA161CC12VDC.64 Datasheet
176Kb / 2P
   CIT SWITCH
CTA161CC12VDC.80 CIT-CTA161CC12VDC.80 Datasheet
176Kb / 2P
   CIT SWITCH
CTA161CS12VDC.64 CIT-CTA161CS12VDC.64 Datasheet
176Kb / 2P
   CIT SWITCH
CTA161CS12VDC.80 CIT-CTA161CS12VDC.80 Datasheet
176Kb / 2P
   CIT SWITCH
More results

Similar Description - CTA16-400CW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTA08 ETC1-CTA08 Datasheet
206Kb / 2P
   8Amp - 400/600/800/1000V - TRIAC
CTA06 ETC1-CTA06 Datasheet
208Kb / 2P
   6Amp - 400/600/800/1000V - TRIAC
CTA24 ETC1-CTA24 Datasheet
235Kb / 2P
   24Amp - 400/600/800/1000V - TRIAC
CYNA25 ETC1-CYNA25 Datasheet
199Kb / 2P
   25Amp - 400/600/800/1000V - SCR
CYNB55 ETC1-CYNB55 Datasheet
223Kb / 2P
   55Amp - 400/600/800/1000V - SCR
CYNB40 ETC1-CYNB40 Datasheet
70Kb / 2P
   40Amp - 400/600/800/1000V - SCR
CTA30 ETC1-CTA30 Datasheet
830Kb / 2P
   400/600/800V - TRIAC
CRNA20 ETC1-CRNA20 Datasheet
107Kb / 2P
   20Amp - 400/600/800/1200V - RECTIFIER
logo
Central Semiconductor C...
CQ89DS CENTRAL-CQ89DS Datasheet
97Kb / 2P
   2.0 AMP TRIAC 400 THRU 800 VOLTS
CQ89D CENTRAL-CQ89D Datasheet
93Kb / 2P
   2.0 AMP TRIAC 400 THRU 800 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com