Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3685 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL3685
Description  2.4GHz RF/IF Converter and Synthesizer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3685 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL3685 Datasheet HTML 3Page - Intersil Corporation ISL3685 Datasheet HTML 4Page - Intersil Corporation ISL3685 Datasheet HTML 5Page - Intersil Corporation ISL3685 Datasheet HTML 6Page - Intersil Corporation ISL3685 Datasheet HTML 7Page - Intersil Corporation ISL3685 Datasheet HTML 8Page - Intersil Corporation ISL3685 Datasheet HTML 9Page - Intersil Corporation ISL3685 Datasheet HTML 10Page - Intersil Corporation ISL3685 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
Reference Frequency Counter/Divider
BIT
DESCRIPTION
R(0-14)
Least significant bit R(0) to most significant bit R(14) of the divide by R counter. The Reference signal frequency is divided down
by this counter and is compared with a divided LO by a phase detector.
LO Frequency Counters/Dividers
BIT
DESCRIPTION
A(0-6)
Least significant bit A(0) to most significant bit A(6) of a 7-bit Swallow counter and LSB B(0) to MSB B(10) of the 11-bit divider.
The LO frequency is divided down by [P*B+A], where P is the Prescaler divider set by bit M(2). This divided signal frequency is
compared by a phase detector with the divided Reference signal.
B(0-11)
Operational Modes
BIT
DESCRIPTION
M(0)
(PLL_PE), Phase Lock Loop Power Enable. 1 = Enable, 0 = Power Down. Serial port always on.
M(2)
Prescaler Select. 0 = 32/33, 1 = 64/65.
M(3)
M(4)
Charge Pump Current Setting
M(4)
M(3)
OUTPUT SINK/SOURCE
0
0
0.25mA
0
1
0.50mA
1
0
0.75mA
1
1
1.00mA
M(5)
M(6)
Charge Pump Sign
M(6)
M(5)
0
0
Source if LO/ [P*B+A] < Ref/R
0
1
Source if LO/ [P*B+A] > Ref/R
M(7)
M(8)
M(13)
LD Pin Multiplex Operation
M(13)
M(8)
M(7)
OUTPUT AT PIN LD
0
0
X
Lock Detect Operation
0
1
X
Short to GND
1
0
X
Serial Register Read Back
1
1
0
Ref. Divided by R Waveform
1
1
1
LO Divided by [P*B+A]
Waveform
M(14)
M(15)
Charge Pump Operation/Test
M(15)
M(14)
OPERATION/TEST
0
0
Normal Operation
0
1
Charge Pump Constant Current Source
1
0
Charge Pump Constant Current Sink
1
1
High Impedance State
ISL3685


Similar Part No. - ISL3685

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3680 INTERSIL-ISL3680 Datasheet
44Kb / 1P
   Direct Conversion Transceiver
ISL3680IR INTERSIL-ISL3680IR Datasheet
44Kb / 1P
   Direct Conversion Transceiver
ISL3680IR-TK INTERSIL-ISL3680IR-TK Datasheet
44Kb / 1P
   Direct Conversion Transceiver
ISL3684 INTERSIL-ISL3684 Datasheet
19Kb / 1P
   Direct Down Conversion Transceiver
More results

Similar Description - ISL3685

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3683A INTERSIL-HFA3683A Datasheet
187Kb / 17P
   2.4GHz RF/IF Converter and Synthesizer
June 2000
logo
Infineon Technologies A...
PMB2347 INFINEON-PMB2347 Datasheet
578Kb / 35P
   RF/IF Double PLL Frequency Synthesizer
Version 1.1 August 1999
logo
RF Micro Devices
RF6001 RFMD-RF6001_1 Datasheet
1Mb / 70P
   FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
RF6001 RFMD-RF6001 Datasheet
35Kb / 2P
   FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
logo
Motorola, Inc
MC2800SYNEVK MOTOROLA-MC2800SYNEVK Datasheet
261Kb / 11P
   FLEX Paging RF/IF Frequency Synthesizer Receiver
logo
Infineon Technologies A...
PMB2349 INFINEON-PMB2349 Datasheet
670Kb / 35P
   Optimized RF/IF Dual PLL Frequency Synthesizer
Version 1.0 May 2000
logo
Micro Linear Corporatio...
ML2712 MICRO-LINEAR-ML2712 Datasheet
293Kb / 22P
   2.4GHz RF Transceiver
logo
Texas Instruments
TRF1121 TI-TRF1121 Datasheet
1Mb / 26P
[Old version datasheet]   Dual VCO/PLL Synthesizer With IF Up-Converter
logo
Maxim Integrated Produc...
MAX2820 MAXIM-MAX2820 Datasheet
392Kb / 23P
   2.4GHz 802.11b Zero-IF Transceivers
Rev 2; 11/03
MAX2821ETM MAXIM-MAX2821ETM Datasheet
605Kb / 26P
   2.4GHz 802.11b Zero-IF Transceivers
Rev 5; 5/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com