Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HVU362 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. HVU362
Description  Variable Capacitance Diode for VCO
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVU362 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HVU362 Datasheet HTML 1Page - Renesas Technology Corp HVU362 Datasheet HTML 2Page - Renesas Technology Corp HVU362 Datasheet HTML 3Page - Renesas Technology Corp HVU362 Datasheet HTML 4Page - Renesas Technology Corp HVU362 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVU362
Rev.1.00, Apr 16, 2004, page 3 of 4
Main Characteristic
0
48
12
16
20
1.0
20
0
0.1
10
40
60
80
10
1.0
100
0
0.4
0.8
1.2
1.6
2.0
0.2
0.6
1.0
1.4
1.8
0
10
–9
10
–10
10
–11
10
–12
10
–13
Reverse voltage VR (V)
Fig.1 Reverse current vs. Reverse voltage
f = 1MHz
Fig.2 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
Fig.4 Linearity factor vs. Reverse voltage
Reverse voltage VR (V)
1.0
10
0.1
–1.5
–2.0
–1.0
–0.5
f = 1MHz
f = 100MHz
Fig.3 Series resistance vs. Reverse voltage
Reverse voltage VR (V)


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn