Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HD404669 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HD404669
Description  Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
Download  142 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD404669 Datasheet(HTML) 1 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 142 page
background image
HD404669 Series
Low-Voltage AS Microcomputers with On-Chip DTMF
Generation Circuit
ADE-202-083B
Rev. 3.0
Sept. 1999
Description
The HD404669 Series microcomputers incorporate a DTMF generation circuit, two comparators, and a
serial interface on chip. They also provide input and output pins with large current handling capacities.
Thus they are 4-bit single-chip microcomputers that are optimal for use in multifunction telephones,
cordless telephones, and other communications equipment.
HD404669 Series microcomputers have a 32.768 kHz sub-oscillator for realtime clock use, providing a
time counting facility, and a variety of power supply modes to reduce current drain.
The HD407A4669 is a ZTAT™ microcomputer with on-chip PROM that drastically shortens development
time and ensures a smooth transition from debugging to mass production. (The PROM programming
specifications are the same as for the 27256 type.)
ZTAT™: Zero Turn-Around Time ZTAT is a trademark of Hitachi, Ltd.
Features
• 1,152-digit × 4-bit RAM
• I/O pins: 47
 High-current I/O pins (source: 10 mA max.): 4
 High-current I/O pins (sink: 15 mA max.):
5
• Timer counters: 3
• Input capture: one 8-bit channel
• Timer outputs: 2 (with PWM output capability)
• Event input: 1 (edge-programmable)
• Clock synchronous 8-bit serial interface: 1
• DTMF generation circuit
• Comparator: 2 channels
• System clock oscillator
Ceramic oscillator, crystal oscillator, or external clock operation possible


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL
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
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn