Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FS6131-01 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. FS6131-01
Description  Programmable Line Lock Clock Generator IC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS6131-01 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FS6131-01 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
FS6131-01
FS6131-01
FS6131-01
FS6131-01
Programmable Line Lock Clock Generator IC
Programmable Line Lock Clock Generator IC
Programmable Line Lock Clock Generator IC
Programmable Line Lock Clock Generator IC
The loop phase angle is:
[
]
)
2
(
arg
i
LOOP
i
f
j
K
π
=
Θ
.
Figure 9: Loop Phase vs. Frequency
-150°
Frequency (f
i)
-100°
0.1kHz
1kHz
10kHz
100kHz
A Nyquist plot of gain vs. amplitude is shown below.
Figure 10: Loop Nyquist Plot
45°
315°
270°
225°
180°
135°
90°
0.2
0.4
0.6
0.8
1.0
Phase
Amplitude
1.2
Gain Margin
Phase
Margin
4.4
Voltage-Controlled Crystal Oscillator
The VCXO provides a tunable, low-jitter frequency refer-
ence for the rest of the FS6131 system components.
Loading capacitance for the crystal is internal to the de-
vice. No external components (other than the resonator
itself) are required for operation of the VCXO.
The resonator loading capacitance is adjustable under
register control. This feature permits factory coarse tun-
ing of inexpensive resonators to the necessary precision
for digital video applications. Continuous fine-tuning of
the VCXO frequency is accomplished by varying the volt-
age on the XTUNE pin. The total change (from one ex-
treme to the other) in effective loading capacitance is
1.5pF nominal, and the effect is shown in Figure 11. The
oscillator operates the crystal resonator in the parallel-
resonant mode. Crystal warping, or the “pulling” of the
crystal oscillation frequency, is accomplished by altering
the effective load capacitance presented to the crystal by
the oscillator circuit. The actual amount that changing the
load capacitance alters the oscillator frequency will be
dependent on the characteristics of the crystal as well as
the oscillator circuit itself.
The motional capacitance of the crystal (usually referred
to by crystal manufacturers as C1), the static capacitance
of the crystal (C0), and the load capacitance (CL) of the
oscillator determine the warping capability of the crystal
in the oscillator circuit. A simple formula to determine the
total warping capability of a crystal is
()
() (
)
C
C
C
C
C
C
C
ppm
f
L
L
L
L
1
0
2
0
6
1
2
1
2
10
)
(
+
×
+
×
×
×
=
,
where CL1 and CL2 are the two extremes of the applied
load capacitance obtained from Table 11.
Example: A crystal with the following parameters is used
with the FS6131. The total coarse tuning range is:
C1=0.02pF, C0=5.0pF, CL1=10.0pF, CL2=22.66pF
()
() (
)
ppm
.
.
.
f
305
10
5
66
22
5
2
10
10
66
22
02
0
6
=
+
×
+
×
×
×
=


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NB3N3011 3.3 V 100 MHz / 106.25 MHz PureEdge Clock Generator with LVPECL Differential Output 1  2  3  4  5  More ON Semiconductor
FS6261-01 Motherboard Clock Generator IC 1  2  3  4  5  More List of Unclassifed Manufacturers
FS6128-01 PLL Clock Generator IC with VCXO 1  2  3  4  5  More List of Unclassifed Manufacturers
AD9516-0 14-Channel Clock Generator with Integrated 2.8 GHz VCO 1  2  Analog Devices
AD5930 Programmable Frequency Sweep and Output Burst Waveform Generator 1  2  3  4  5  More Analog Devices
SY89312V 3.3V/5V 4GHz PECL/ECL ÷ 2 CLOCK GENERATOR 1  2  3  4  5  More Micrel Semiconductor
SM560 Spread Spectrum Clock Generator 1  2  3  4  5  More Cypress Semiconductor
AD5932 Programmable Frequency Scan Waveform Generator 1  2  3  4  5  More Analog Devices
SY89531L 3.3V PRECISION 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER 1  2  3  4  5  More Micrel Semiconductor
AY-3-8910 Programmable Sound Generator 1  2  3  4  5  More List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn