Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FS6131-01 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. FS6131-01
Description  Programmable Line Lock Clock Generator IC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS6131-01 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FS6131-01 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5
FS6131-01
FS6131-01
FS6131-01
FS6131-01
Programmable Line Lock Clock Generator IC
Programmable Line Lock Clock Generator IC
Programmable Line Lock Clock Generator IC
Programmable Line Lock Clock Generator IC
To enter this mode, set STAT[1] to one and clear
STAT[0] to zero. If the CMOS bit is set to one, the
LOCK/IPRG pin can display the flag. The flag is always
available under software control by reading back the
STAT[1] bit, which will be overwritten by the flag in this
mode.
4.2.4
Feedback Divider Monitoring
The Feedback Divider clock can be brought out the
LOCK/IPRG pin independent of the output clock to allow
monitoring of the Feedback Divider clock. To enter this
mode, set both the STAT[1] and STAT[0] bits to one. The
CMOS bit must also be set to one to enable the
LOCK/IPRG pin as an output.
4.3
Loop Gain Analysis
For applications where an external loop filter is required,
the following analysis example can be used to determine
loop gain and stability.
The loop gain of a PLL is the product of all of the gains
within the loop.
Establish the basic operating parameters:
Set the charge pump current:
A
I
chgpump
µ
10
=
Set the loop filter values:
pF
C
F
C
k
R
LF
220
015
.
0
15
2
1
=
=
=
µ
Set the VCO gain (VCOSPD):
V
MHz
A
VCO
/
230
=
Set the Feedback Divider:
3500
=
F
N
Set the Reference frequency (at the input to the Phase
Detector:
kHz
f
REF
20
=
The transfer function of the Phase Detector and Charge
Pump combination is (in A/rad):
π
2
chgpump
PD
I
K
=
The transfer function of the loop filter is (in V/A):
÷
÷
÷
÷
ø
ö
ç
ç
ç
ç
è
æ
÷ø
ö
çè
æ
+
+
=
1
2
1
1
1
)
(
sC
R
sC
s
K
LF
LF
The VCO transfer function (in rad/s, and accounting for
the phase integration that occurs in the VCO) is:
s
A
s
K
VCO
VCO
1
2
)
(
π
=
The transfer function of the Feedback Divider is:
F
F
N
K
1
=
Finally, the sampling effect that occurs in the Phase De-
tector is accounted for by:
REF
f
s
SAMP
f
s
e
s
K
REF
÷
÷
÷
ø
ö
ç
ç
ç
è
æ
=
÷ø
ö
çè
æ
1
)
(
The loop gain of the PLL is:
)
(
)
(
)
(
)
(
s
K
K
s
K
s
K
K
s
K
SAMP
F
VCO
LF
PD
LOOP
=
Figure 8: Loop Gain vs. Frequency
0.01
Frequency (f
i)
0.1
0.1kHz
1kHz
10kHz
100kHz
1
10
100


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NB3N3011 3.3 V 100 MHz / 106.25 MHz PureEdge Clock Generator with LVPECL Differential Output 1  2  3  4  5  More ON Semiconductor
FS6261-01 Motherboard Clock Generator IC 1  2  3  4  5  More List of Unclassifed Manufacturers
FS6128-01 PLL Clock Generator IC with VCXO 1  2  3  4  5  More List of Unclassifed Manufacturers
AD9516-0 14-Channel Clock Generator with Integrated 2.8 GHz VCO 1  2  Analog Devices
AD5930 Programmable Frequency Sweep and Output Burst Waveform Generator 1  2  3  4  5  More Analog Devices
SY89312V 3.3V/5V 4GHz PECL/ECL ÷ 2 CLOCK GENERATOR 1  2  3  4  5  More Micrel Semiconductor
SM560 Spread Spectrum Clock Generator 1  2  3  4  5  More Cypress Semiconductor
AD5932 Programmable Frequency Scan Waveform Generator 1  2  3  4  5  More Analog Devices
SY89531L 3.3V PRECISION 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER 1  2  3  4  5  More Micrel Semiconductor
AY-3-8910 Programmable Sound Generator 1  2  3  4  5  More List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn