Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS6131-01 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # FS6131-01
Description  Programmable Line Lock Clock Generator IC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS6131-01 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button FS6131-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 13Page - List of Unclassifed Manufacturers FS6131-01 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10
FS6131-01
FS6131-01
FS6131-01
FS6131-01
Programmable Line Lock Clock Generator IC
Programmable Line Lock Clock Generator IC
Programmable Line Lock Clock Generator IC
Programmable Line Lock Clock Generator IC
5.2.2
Random Register Write Procedure
Random write operations allow the master to directly
write to any register. To initiate a write procedure, the
R/W bit that is transmitted after the seven-bit device ad-
dress is a logic-low. This indicates to the addressed slave
device that a register address will follow after the slave
device acknowledges its device address. The register
address is written into the slave’s address pointer. Fol-
lowing an acknowledge by the slave, the master is al-
lowed to write eight bits of data into the addressed regis-
ter. A final acknowledge is returned by the device, and
the master generates a STOP condition.
If either a STOP or a repeated START condition occurs
during a Register Write, the data that has been trans-
ferred is ignored.
5.2.3
Random Register Read Procedure
Random read operations allow the master to directly read
from any register. To perform a read procedure, the R/W
bit that is transmitted after the seven-bit address is a
logic-low, as in the Register Write procedure. This indi-
cates to the addressed slave device that a register ad-
dress will follow after the slave device acknowledges its
device address. The register address is then written into
the slave’s address pointer.
Following an acknowledge by the slave, the master gen-
erates a repeated START condition. The repeated
START terminates the write procedure, but not until after
the slave’s address pointer is set. The slave address is
then resent, with the R/W bit set this time to a logic-high,
indicating to the slave that data will be read. The slave
will acknowledge the device address, and then transmits
the eight-bit word. The master does not acknowledge the
transfer but does generate a STOP condition.
5.2.4
Sequential Register Write Procedure
Sequential write operations allow the master to write to
each register in order. The register pointer is automati-
cally incremented after each write. This procedure is
more efficient than the Random Register Write if several
registers must be written.
To initiate a write procedure, the R/W bit that is transmit-
ted after the seven-bit device address is a logic-low. This
indicates to the addressed slave device that a register
address will follow after the slave device acknowledges
its device address. The register address is written into the
slave’s address pointer. Following an acknowledge by the
slave, the master is allowed to write up to eight bytes of
data into the addressed register before the register ad-
dress pointer overflows back to the beginning address.
An acknowledge by the device between each byte of data
must occur before the next data byte is sent.
Registers are updated every time the device sends an
acknowledge to the host. The register update does not
wait for the STOP condition to occur. Registers are
therefore updated at different times during a Sequential
Register Write.
5.2.5
Sequential Register Read Procedure
Sequential read operations allow the master to read from
each register in order. The register pointer is automati-
cally incremented by one after each read. This procedure
is more efficient than the Random Register Read if sev-
eral registers must be read.
To perform a read procedure, the R/W bit that is trans-
mitted after the seven-bit address is a logic-low, as in the
Register Write procedure. This indicates to the addressed
slave device that a register address will follow after the
slave device acknowledges its device address. The reg-
ister address is then written into the slave’s address
pointer.
Following an acknowledge by the slave, the master gen-
erates a repeated START condition. The repeated
START terminates the write procedure, but not until after
the slave’s address pointer is set. The slave address is
then resent, with the R/W bit set this time to a logic-high,
indicating to the slave that data will be read. The slave
will acknowledge the device address, and then transmits
all eight bytes of data starting with the initial addressed
register. The register address pointer will overflow if the
initial register address is larger than zero. After the last
byte of data, the master does not acknowledge the
transfer but does generate a STOP condition.


Similar Part No. - FS6131-01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FS6131-01 ONSEMI-FS6131-01 Datasheet
745Kb / 44P
   Programmable Line Lock Clock Generator IC
May 2008 ??Rev. 4
FS6131-01G ONSEMI-FS6131-01G Datasheet
745Kb / 44P
   Programmable Line Lock Clock Generator IC
May 2008 ??Rev. 4
More results

Similar Description - FS6131-01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FS6131 ONSEMI-FS6131_08 Datasheet
745Kb / 44P
   Programmable Line Lock Clock Generator IC
May 2008 ??Rev. 4
FS6377 ONSEMI-FS6377 Datasheet
899Kb / 24P
   Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 4
logo
AMI SEMICONDUCTOR
FS6377-01 AMI-FS6377-01 Datasheet
1Mb / 21P
   Programmable 3-PLL Clock Generator IC
logo
List of Unclassifed Man...
FS6370-01 ETC2-FS6370-01 Datasheet
1Mb / 25P
   EEPROM Programmable 3-PLL Clock Generator IC
logo
ON Semiconductor
FS6370 ONSEMI-FS6370 Datasheet
585Kb / 28P
   EEPROM Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 3
logo
Integrated Circuit Syst...
ICS1522 ICST-ICS1522 Datasheet
366Kb / 13P
   User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com