Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHTA16-600PT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CHTA16-600PT
Description  High Temperature 150째C Series TRIAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CHTA16-600PT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CHTA16-600PT Datasheet HTML 1Page - List of Unclassifed Manufacturers CHTA16-600PT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions
Millimeters
Inches
REF. Min. Typ. Max. Min. Typ.
Max.
A 15.24
15.75 0.6
0.62
B
3.23
0.127
C 12.78
13.79 0.503
0.543
D
9.96
10.36 0.392
0.408
E
0.69
0.94 0.027
0.037
F
1.22
1.32 0.048
0.052
G
4.62
4.83 0.182
0.19
H
0.46
0.61 0.018
0.024
I
2.49
2.84 0.098
0.112
J
2.39
2.69 0.094
0.106
K
6.48
6.88 0.255
0.271
L
3.78
3.89 0.149
0.153
M 15.49 16
16.51 0.61 0.63 0.65
N
2.59
2.9
0.102
0.114
O
0.99
1.55 0.039
0.061
P
0.99
1.55 0.039
0.061
Q
2.67
0.105
Weight: 2.3g (0.08 oz)
Q
D
M
G
F
C
O
I
P
E
B
A
K
N
L
J
H
CHTA/CHTB16
High Temperature 150˚C Series
16Amp - 400/600/800V - TRIAC
Thermal Resistances
SYMBOL
RATING
R
B
A
0
2
2
-
O
T
)
C
A
(
e
s
a
C
o
t
n
o
it
c
n
u
J
th(j-c)
1.4
˚C/W
Junction to Case (AC)
TO-220AB Isolated Rth(j-c)
2.3
˚C/W
R
B
A
0
2
2
-
O
T
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
th(j-a)
60
˚C/W
Junction to Ambient
TO-220AB Isolated Rth(j-a)
60
˚C/W
Part Number Designation
21
18
15
12
9
6
3
0
0
2
4
6
8
10
12
14
16
18
IT(RMS) [A]
Fig. 1: Power dissipation versus RMS on-state current (full cycle).
0
4
6
8
10
12
14
16
18
20
60
70
80
90
100 110 120 130 140 150 160
TC [˚C]
Fig. 2: RMS on-state current versus
case temperature (full cycle)
1.0
10.0
100.0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
TM [V]
Fig. 3: On-state current versus
on-state voltage (instantaneous values)
210
160
10
80
190
60
50
40
30
20
250
1
10
100
1000
Number of Cycles
Fig. 4: Non-repetitive surge peak on-state
current versus number of cycles.
Isolated
Non-Isolated
Non-Repetitive
Tj initial = 25˚C
SERIES
Isolation Type
A: Isolated
B: Non-Isolated
Rated Current
16: 16 Amp
Packaging
Blank: Bulk
PT: Plastic Tube
Maximum
Blocking Voltage
400: 400Vpk
600: 600Vpk
800: 800Vpk
CHT
16
ISO9001 Certified
© 2006 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components
Approvals
UL Recognized Component - E72445
(For CHTA series)
USA
Sales Support (866) 258-5057
Tech Support (866) 258-5057
Fax (619) 690-7432
Email: sales@cynergy3.com
Cynergy3 Components
2320 Paseo de las Americas, Suite 104
San Diego, CA 92154
EUROPE - UK
Telephone +44 (0) 1202 897969
Fax +44 (0) 1202 891918
Email: sales@cynergy3.com
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
ASIA - Thailand
Telephone +66 (0)2 665 2517
Fax +66 (0)2 665 2588
Cynergy3 Components Asia
18/8 Fico Place 12th Floor
Soi Sukhumvit 21 (Asoke)
Klongtoey Nua, Wattana
Bangkok, Thailand 10110


Similar Part No. - CHTA16-600PT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHTA12 ETC1-CHTA12 Datasheet
207Kb / 2P
   High Temperature 150째C Series TRIAC
CHTA12-400 ETC1-CHTA12-400 Datasheet
207Kb / 2P
   High Temperature 150째C Series TRIAC
CHTA12-400PT ETC1-CHTA12-400PT Datasheet
207Kb / 2P
   High Temperature 150째C Series TRIAC
CHTA12-600 ETC1-CHTA12-600 Datasheet
207Kb / 2P
   High Temperature 150째C Series TRIAC
CHTA12-600PT ETC1-CHTA12-600PT Datasheet
207Kb / 2P
   High Temperature 150째C Series TRIAC
More results

Similar Description - CHTA16-600PT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHTA12 ETC1-CHTA12 Datasheet
207Kb / 2P
   High Temperature 150째C Series TRIAC
CTB40 ETC1-CTB40 Datasheet
257Kb / 2P
   High Temperature 150째C Series 40Amp - 400/600/800V - TRIAC
logo
Renesas Technology Corp
BCR20AM-12LB RENESAS-BCR20AM-12LB Datasheet
118Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR16CM-12LB RENESAS-BCR16CM-12LB Datasheet
126Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR12CM-12LB RENESAS-BCR12CM-12LB Datasheet
125Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10CM-12LB RENESAS-BCR10CM-12LB Datasheet
126Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR16CS-12LB RENESAS-BCR16CS-12LB Datasheet
126Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR6AM-12LB RENESAS-BCR6AM-12LB Datasheet
125Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR5AM-12LB RENESAS-BCR5AM-12LB Datasheet
133Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR3AS-12B RENESAS-BCR3AS-12B_15 Datasheet
147Kb / 10P
   Triac Low Power Use(The product guaranteed maximum junction temperature of 150째C)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com