Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9166-28GVL Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RT9166-28GVL
Description  300/600mA, Ultra-Fast Transient Response LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT9166-28GVL Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RT9166-28GVL Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9166-28GVL Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9166-28GVL Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9166-28GVL Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9166-28GVL Datasheet HTML 9Page - List of Unclassifed Manufacturers RT9166-28GVL Datasheet HTML 10Page - List of Unclassifed Manufacturers RT9166-28GVL Datasheet HTML 11Page - List of Unclassifed Manufacturers RT9166-28GVL Datasheet HTML 12Page - List of Unclassifed Manufacturers RT9166-28GVL Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
RT9166/A
Preliminary
9
DS9166/A-09 October 2004
www.richtek.com
Aluminum electrolytics also typically have large
temperature variation of capacitance value.
Equally important to consider is a capacitor's ESR change
with temperature: this is not an issue with ceramics, as
their ESR is extremely low. However, it is very important
in Tantalum and aluminum electrolytic capacitors. Both
show increasing ESR at colder temperatures, but the
increase in aluminum electrolytic capacitors is so severe
they may not be feasible for some applications.
Ceramic:
For values of capacitance in the 10
µF to 100µF range,
ceramics are usually larger and more costly than
tantalums but give superior AC performance for by-
passing high frequency noise because of very low ESR
(typically less than 10m
Ω). However, some dielectric types
do not have good capacitance characteristics as a function
of voltage and temperature.
Z5U and Y5V dielectric ceramics have capacitance that
drops severely with applied voltage. A typical Z5U or Y5V
capacitor can lose 60% of its rated capacitance with half
of the rated voltage applied to it. The Z5U and Y5V also
exhibit a severe temperature effect, losing more than 50%
of nominal capacitance at high and low limits of the
temperature range.
X7R and X5R dielectric ceramic capacitors are strongly
recommended if ceramics are used, as they typically
maintain a capacitance range within
±20% of nominal over
full operating ratings of temperature and voltage. Of
course, they are typically larger and more costly than
Z5U/Y5U types for a given voltage and capacitance.
Tantalum:
Solid tantalum capacitors are recommended for use on
the output because their typical ESR is very close to the
ideal value required for loop compensation. They also
work well as input capacitors if selected to meet the ESR
requirements previously listed.
Tantalums also have good temperature stability: a good
quality tantalum will typically show a capacitance value
that varies less than 10~15% across the full temperature
range of 125
°C to -40°C. ESR will vary only about 2X
going from the high to low temperature limits.
The increasing ESR at lower temperatures can cause
oscillations when marginal quality capacitors are used (if
the ESR of the capacitor is near the upper limit of the
stability range at room temperature).
Aluminum:
This capacitor type offers the most capacitance for the
money. The disadvantages are that they are larger in
physical size, not widely available in surface mount, and
have poor AC performance (especially at higher
frequencies) due to higher ESR and ESL.
Compared by size, the ESR of an aluminum electrolytic
is higher than either Tantalum or ceramic, and it also varies
greatly with temperature. A typical aluminum electrolytic
can exhibit an ESR increase of as much as 50X when
going from 25
°C down to -40°C.
It should also be noted that many aluminum electrolytics
only specify impedance at a frequency of 120Hz, which
indicates they have poor high frequency performance.
Only aluminum electrolytics that have an impedance
specified at a higher frequency (between 20kHz and
100kHz) should be used for the device. Derating must be
applied to the manufacturer's ESR specification, since it
is typically only valid at room temperature.
Any applications using aluminum electrolytics should be
thoroughly tested at the lowest ambient operating
temperature where ESR is maximum.


Similar Part No. - RT9166-28GVL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9166-28GVL RICHTEK-RT9166-28GVL Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
More results

Similar Description - RT9166-28GVL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9166 RICHTEK-RT9166 Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9166 RICHTEK-RT9166_08 Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9166B RICHTEK-RT9166B Datasheet
181Kb / 9P
   600mA, Ultra-Fast Transient Response Linear Regulator
logo
ARTSCHIP ELECTRONICS CO...
2N2220 ARTSCHIP-2N2220 Datasheet
84Kb / 2P
   Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9184A RICHTEK-RT9184A Datasheet
121Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
RT9184A RICHTEK-RT9184A_11 Datasheet
131Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
logo
ACE Technology Co., LTD...
ACE5227C ACE-ACE5227C Datasheet
558Kb / 9P
   600mA Fast Response Linear Regulator
VER 1.1
logo
M.S. Kennedy Corporatio...
MSK5251-15 MSK-MSK5251-15 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
MSK5251-09 MSK-MSK5251-09 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com